Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1148 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1148
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1148 Datasheet(HTML) 4 Page - Analog Devices

  ADP1148 Datasheet HTML 1Page - Analog Devices ADP1148 Datasheet HTML 2Page - Analog Devices ADP1148 Datasheet HTML 3Page - Analog Devices ADP1148 Datasheet HTML 4Page - Analog Devices ADP1148 Datasheet HTML 5Page - Analog Devices ADP1148 Datasheet HTML 6Page - Analog Devices ADP1148 Datasheet HTML 7Page - Analog Devices ADP1148 Datasheet HTML 8Page - Analog Devices ADP1148 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP1148, ADP1148-3.3, ADP1148-5
–4–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP1148, ADP1148-3.3, ADP1148-5 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTIONS
Pin #
Mnemonic
Function
1
P-Channel Drive
High Current Gate Drive for Top P-Channel MOSFET. The voltage swing at Pin 4 is from VIN to
ground.
2
NC
No Connection.
3VIN
Input Voltage.
4CT
External Capacitor CT from Pin 4 to Ground Sets the Operating Frequency. The frequency is also
dependent on the ratio VOUT/VIN.
5
Int VCC
Internal Supply Voltage, Nominally 3.3 V. Must be decoupled to signal ground. Do not externally load
this pin.
6ITH
Error Amplifier Decoupling Point. The current comparator threshold increases with the Pin 7 voltage.
7
Sense–
Connects to internal resistive divider that sets the output voltage in ADP1148-3.3 and ADP1148-5
versions. Pin 7 is also the (–) input for the current comparator.
8
Sense+
The (+) Input for the Current Comparator. A built-in offset between Pins 7 and 8, in conjunction with
RSENSE, sets the current trip threshold.
9VFB
For the ADP1148 adjustable version, Pin 9 serves as the feedback pin from an external resistive divider
used to set the output voltage. On ADP1148-3.3 and ADP1148-5 versions, this pin is not used.
10
Shutdown
Taking Pin 10 of the ADP1148, ADP1148-3.3 or ADP1148-5 high holds both MOSFETs off. Must be
at ground potential for normal operation.
11
Signal GND
Small Signal Ground. Must be routed separately from other grounds to the (–) terminal of COUT.
12
Power GND
Driver Power Ground. Connects to source of N-channel MOSFET and the (–) terminal of CIN.
13
NC
No Connection.
14
N-Channel Drive
High Current Drive for bottom N-channel MOSFET. The voltage swing at Pin 13 is from ground to
VIN.
PIN CONFIGURATIONS
14-Lead Plastic DIP
14-Lead Plastic SO
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
P-DRIVE
SIGNAL GND
POWER GND
NC
N-DRIVE
NC
VIN
CT
ADP1148
SENSE(+)
VFB*
SHUTDOWN
INT VCC
ITH
SENSE(–)
*FIXED OUTPUT VERSIONS = SD1
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADP1148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1148 AD-ADP1148_15 Datasheet
796Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
More results

Similar Description - ADP1148

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com