Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1109AR-12 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1109AR-12
Description  Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1109AR-12 Datasheet(HTML) 7 Page - Analog Devices

  ADP1109AR-12 Datasheet HTML 1Page - Analog Devices ADP1109AR-12 Datasheet HTML 2Page - Analog Devices ADP1109AR-12 Datasheet HTML 3Page - Analog Devices ADP1109AR-12 Datasheet HTML 4Page - Analog Devices ADP1109AR-12 Datasheet HTML 5Page - Analog Devices ADP1109AR-12 Datasheet HTML 6Page - Analog Devices ADP1109AR-12 Datasheet HTML 7Page - Analog Devices ADP1109AR-12 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADP1109
–7–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic DIP
(N-8)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
8-Lead SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°


Similar Part No. - ADP1109AR-12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN AD-ADP1109AAN Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-12 AD-ADP1109AAN-12 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-33 AD-ADP1109AAN-33 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-5 AD-ADP1109AAN-5 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
More results

Similar Description - ADP1109AR-12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
   Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
Linear Technology
LT1109 LINER-LT1109 Datasheet
212Kb / 8P
   Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1109 LINER-LT1109_15 Datasheet
195Kb / 8P
   Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com