Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3163 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3163
Description  5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3163 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3163 Datasheet HTML 7Page - Analog Devices ADP3163 Datasheet HTML 8Page - Analog Devices ADP3163 Datasheet HTML 9Page - Analog Devices ADP3163 Datasheet HTML 10Page - Analog Devices ADP3163 Datasheet HTML 11Page - Analog Devices ADP3163 Datasheet HTML 12Page - Analog Devices ADP3163 Datasheet HTML 13Page - Analog Devices ADP3163 Datasheet HTML 14Page - Analog Devices ADP3163 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
ADP3163
–11–
The critical capacitance limit for this circuit is 6.93 mF, while
the actual capacitance of the nine Rubycon capacitors is 9
×
2200
µF = 19.8 mF. In this case, the capacitance is safely above
the critical value.
Multilayer ceramic capacitors are also required for high-frequency
decoupling of the processor. The exact number of these MLC
capacitors is a function of the board layout space and parasitics.
Typical designs use twenty to thirty 10
µF MLC capacitors
located as close to the processor power pins as is practical.
Feedback Loop Compensation Design for ADOPT
Optimized compensation of the ADP3163 allows the best pos-
sible containment of the peak-to-peak output voltage deviation.
Any practical switching power converter is inherently limited by
the inductor in its output current slew rate to a value much less
than the slew rate of the load. Therefore, any sudden change of
load current will initially flow through the output capacitors,
and assuming that the capacitance of the output capacitor is
larger than the critical value defined by Equation 13, this will
produce a peak output voltage deviation equal to the ESR of the
output capacitor times the load current change.
The optimal implementation of voltage positioning, ADOPT,
will create an output impedance of the power converter that is
entirely resistive over the widest possible frequency range, includ-
ing dc, and equal to the maximum acceptable ESR of the output
capacitor array. With the resistive output impedance, the output
voltage will droop in proportion with the load current at any
load current slew rate; this ensures the optimal positioning and
allows the minimization of the output capacitor bank.
With an ideal current-mode-controlled converter, where the
average inductor current would respond without delay to the
command signal, the resistive output impedance could be
achieved by having a single-pole roll-off of the voltage gain of
the voltage-error amplifier. The pole frequency must coincide
with the ESR zero of the output capacitor bank. The ADP3163
uses constant frequency current-mode control, which is known
to have a nonideal, frequency dependent command signal to
inductor current transfer function. The frequency dependence
manifests in the form of a pair of complex conjugate poles at
one-half of the switching frequency. A purely resistive output
impedance could be achieved by canceling the complex conjugate
poles with zeros at the same complex frequencies and adding a
third pole equal to the ESR zero of the output capacitor. Such a
compensating network would be quite complicated. Fortunately, in
practice it is sufficient to cancel the pair of complex conjugate
poles with a single real zero placed at one-half of the switching
frequency. Although the end result is not a perfectly resistive
output impedance, the remaining frequency dependence causes
only a small percentage of deviation from the ideal resistive
response. The single-pole and single-zero compensation can be
easily implemented by terminating the gm error amplifier with
the parallel combination of a resistor (RT) and a series RC net-
work. The value of the terminating resistor RT was determined
previously; the capacitance and resistance of the series RC net-
work are calculated as follows:
C
CR
R
n
fR
mF
m
kkHz
k
nF
OC
OUT
OUT
T
OSC
T
=
×
××
=
×
××
=
π
π
19 8
1 5
631
3
600
6 31
44
..
..
.
(14)
The nearest standard value of COC is 4.7 nF. The resistance of the
zero-setting resistor in series with the compensating capacitor is:
R
n
f
C
kHz
nF
Z
OSC
OC
=
××
=
××
=Ω
ππ
3
600
4 7
338
.
(15)
The nearest standard 5% resistor value is 330
Ω. Note that this
resistor is only required when COUT approaches CCRIT (within
25% or less). In this example, COUT >> CCRIT, and RZ can
therefore be omitted.
Power MOSFETs
In this example, six N-channel power MOSFETs must be used;
three as the main (control) switches, and the remaining three as
the synchronous rectifier switches. The main selection parameters
for the power MOSFETs are VGS(TH), QG and RDS(ON). The
minimum gate drive voltage (the supply voltage to the ADP3414)
dictates whether standard threshold or logic-level threshold
MOSFETs must be used. Since VGATE <8 V, logic-level thresh-
old MOSFETs (VGS(TH) < 2.5 V) are strongly recommended.
The maximum output current IO determines the RDS(ON) require-
ment for the power MOSFETs. When the ADP3163 is operating
in continuous mode, the simplifying assumption can be made
that in each phase one of the two MOSFETs is always conduct-
ing the average inductor current. For VIN = 12 V and VOUT =
1.45 V, the duty ratio of the high-side MOSFET is:
D
V
V
V
V
HSF
OUT
IN
==
=
15
12
12 5
.
.%
(16)
The duty ratio of the low-side (synchronous rectifier) MOSFET is:
DD
LSF
HSF
=−
=
187 5
.%
(17)
The maximum rms current of the high-side MOSFET during
normal operation is:
I
I
n
D
I
I
AA
A
A
HSF MAX
O
HSF
L RIPPLE
O
()
()
.
.
.
× +
×

 =
×× +
×


=
1
3
65
3
0 125
1
10 9
365
77
2
2
2
2
(18)
The maximum rms current of the low-side MOSFET during
normal operation is:
II
D
D
AA
LSF MAX
HFS M AX
LSF
HSF
()
(
)
.
.
.
.
=
×=
77
0 875
0 125
20 4
(19)
The RDS(ON) for each MOSFET can be derived from the allowable
dissipation. If 10% of the maximum output power is allowed for
MOSFET dissipation, the total dissipation in the eight MOSFETs
of the four-phase converter will be:
PV
I
VA
W
FET TOTAL
MIN
O
()
.
..
.
×
=
××
=
01
0 1 1 394
65
9 06
(20)


Similar Part No. - ADP3163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3163JRU AD-ADP3163JRU Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
logo
International Rectifier
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
logo
Analog Devices
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com