Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3300 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3300
Description  High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300 Datasheet(HTML) 4 Page - Analog Devices

  ADP3300 Datasheet HTML 1Page - Analog Devices ADP3300 Datasheet HTML 2Page - Analog Devices ADP3300 Datasheet HTML 3Page - Analog Devices ADP3300 Datasheet HTML 4Page - Analog Devices ADP3300 Datasheet HTML 5Page - Analog Devices ADP3300 Datasheet HTML 6Page - Analog Devices ADP3300 Datasheet HTML 7Page - Analog Devices ADP3300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OUTPUT LOAD – mA
3.202
3.195
080
8
16
2432
40
48
566472
3.201
3.200
3.199
3.198
3.197
3.196
VOUT = 3.2V
VIN = 7V
Figure 3. Output Voltage vs. Load
Current
TEMPERATURE – C
0.2
–0.4
–45 –25
135
–51535
7595
115
55
0.1
0.0
–0.1
–0.2
–0.3
IL = 0 – 50mA
Figure 6. Output Voltage Variation %
vs. Temperature
INPUT VOLTAGE – Volts
5
0
03
0
43
2
4
2
1
3
2
11
RL = 33Ω
VOUT = 3.2V
RL = 64Ω
Figure 9. Power-Up/Power-Down
–4–
REV. A
INPUT VOLTAGE – Volts
3.202
3.199
3.196
3.3
14
4
5
6
7
8
9
10 11 12 13
3.201
3.200
3.198
3.197
IL = 0mA
IL = 10mA
IL = 50mA
VOUT = 3.2V
Figure 2. Line Regulation Output
Voltage vs. Supply Voltage
OUTPUT LOAD – mA
820
690
170
080
20
40
60
560
430
300
IL = 0 TO 80mA
VIN = 7V
Figure 5. Quiescent Current vs. Load
Current
OUTPUT LOAD – mA
120
96
080
20
40
60
72
48
24
0
Figure 8. Dropout Voltage vs. Output
Current
\
INPUT VOLTAGE – Volts
800
640
0
0
12.0
1.2 2.4 3.6 4.8 6.0 7.2 8.4 9.6 10.8
480
320
160
VOUT = 3.2V
IL = 0mA
Figure 4. Quiescent Current vs.
Supply Voltage
TEMPERATURE – C
700
0
–45 –25
600
400
300
200
100
500
15
35
55
75
95 115 135
–5
VIN = 7V
IL = 50mA
IL = 0mA
Figure 7. Quiescent Current vs.
Temperature
TIME – µs
0
0
100
200
2.0
VSD = VIN
CL = 0.47µF
RL = 66Ω
VOUT = 3.3V
1.0
3.0
4.0
5.0
6.0
7.0
8.0
20
40 60
80
120 140 160 180
VIN
VOUT
Figure 10. Power-Up Overshoot
ADP3300–Typical Performance Characteristics


Similar Part No. - ADP3300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
135Kb / 8P
   High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3300 AD-ADP3300 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results

Similar Description - ADP3300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300ARTZ-5REEL7 AD-ADP3300ARTZ-5REEL7 Datasheet
133Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ART-3-REEL7 AD-ADP3300ART-3-REEL7 Datasheet
123Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com