Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3334 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3334
Description  High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 5 Page - Analog Devices

  ADP3334 Datasheet HTML 1Page - Analog Devices ADP3334 Datasheet HTML 2Page - Analog Devices ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. 0
–5–
ADP3334
VOUT = 2.2V
RL = 4.4
CL = 1 F
TIME –
s
3.000
3.500
2.179
2.189
2.190
2.200
2.210
40
80
140
180
TPC 10. Line Transient Response
VOUT = 2.2V
VIN = 6V
CL = 10 F
TIME –
s
0
200
400
2.1
2.2
2.3
200
400
600
800
TPC 13. Load Transient Response
FREQUENCY – Hz
10
100
1k
10k
100k
1M
10M
–20
–30
–40
–50
–60
–70
–80
–90
CL = 1 F
IL = 500mA
CL = 1 F
IL = 50 A
CL = 10 F
IL = 500mA
CL = 10 F
IL = 50 A
VOUT = 2.2V
TPC 16. Power Supply Ripple
Rejection
VOUT = 2.2V
RL = 4.4
CL = 10 F
TIME –
s
3.000
3.500
2.179
2.189
2.190
2.200
2.210
40
80
140
180
TPC 11. Line Transient Response
TIME –
s
0
1
2
0
2.2
200
400
600
800
VIN = 4V
800m
SHORT
FULL SHORT
3
TPC 14. Short Circuit Current
120
160
050
10
20
30
40
100
80
60
140
CL – F
40
20
0
VOUT = 2.0V
CNR = 10nF
I
L = 0mA WITH NOISE REDUCTION
I
L = 0mA WITHOUT
NOISE REDUCTION
I
L = 500mA WITHOUT
NOISE REDUCTION
I
L = 500mA WITH
NOISE REDUCTION
TPC 17. RMS Noise vs. CL
(10 Hz–100 kHz)
VIN = 6V
VOUT = 2.2V
CL = 1 F
TIME –
s
200
400
600
800
0
200
400
2.1
2.2
2.3
TPC 12. Load Transient Response
TIME –
s
0
0
2
1
2
200
400
600
800
1 F
1 F
10 F
10 F
VIN = 6V
VOUT = 2.2V
RL = 4.4
TPC 15. Turn Off/On Response
FREQUENCY – Hz
100
10
100
1M
1k
10k
100k
10
1
0.1
0.01
0.001
VOUT = 2.2V
IL = 1mA
CL = 1 F
CNR = 0
CL = 10 F
CNR = 0
CL = 1 F
CNR = 10nF
CL = 10 F
CNR = 10nF
TPC 18. Output Noise Density


Similar Part No. - ADP3334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3334 AD-ADP3334 Datasheet
471Kb / 5P
   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADP3334 AD-ADP3334 Datasheet
248Kb / 8P
   Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADP3334 AD-ADP3334 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADP3334 AD-ADP3334 Datasheet
155Kb / 4P
   Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
ADP3334 AD-ADP3334 Datasheet
380Kb / 12P
   High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
More results

Similar Description - ADP3334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV. 0
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3334ACP AD-ADP3334ACP Datasheet
380Kb / 12P
   High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
logo
ON Semiconductor
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
logo
Analog Devices
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com