Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-09-D-18.75-01-S Datasheet(PDF) 2 Page - Samtec, Inc

Part # HCMS-09-D-18.75-01-S
Description  IDC SOCKET & TERMINAL CABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

HCMS-09-D-18.75-01-S Datasheet(HTML) 2 Page - Samtec, Inc

  HCMS-09-D-18.75-01-S Datasheet HTML 1Page - Samtec, Inc HCMS-09-D-18.75-01-S Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HCSD–10–S–03.00–01–T–G
HCSS–15–S–03.00–01–G
WWW.SAMTEC.COM
6
Same as –S “XX” except outer strip
connected to conductor #2 and inside
strip connected to conductor #1.
Breakout starts with Number 1
lead indicated by brown wire or
red stripe. Shown on top side.
4
#1 wire opposite position #1
5
“XX”
(127,00)
5.00 max.
(50,80)
2.00 min.
(50,80)
2.00
min.
(101,60)
4.00 minimum
6
When mating double row connector
with two single row connectors, the
outer most single will be connected
to Conductor #1 and the inside single
to Conductor #2.
Outer Most
(End of
Assembly)
“XX” ± 1/
8" (3,18)
Single Row
Connectors
(50,80)
2.00
min.
(101,60)
4.00 minimum
Double Row
Strips
Outer Most
(End of
Assembly)
“XX” ± 1/
8" (3,18)
6
OTHER
OPTIONS
NOTCH
POLARIZATION
2
Standard cable is color coded. Specify
–G for Gray cable with one red edge.
1
Specify “XX” as position. For Double
the same position will be polarized
on both ends. (Not available on
HCM, unless Transfer, then only the
socket is polarized)
01
03
02
04
01
03
Single
Double
02
04
Specify Suffix from table. All
dimensions are ± 1/16" (1,59 mm). Not
available in 28 positions and higher.
3
Specify “XX” as number of
conductors to be broken out.
Requires –SXX, –WXX or –DXX
7
Requires –SXX, –WXX or –DXX
7
7
Required for HCSS and HCSD.
(Not available on HCMS or HCMD,
unless Transfer, then only the
socket is polarized.)
PLATING
OPTION
02
(3,81) .150
(1,27)
.050
01
–N = Notch Polarization
–R
= Reversed
–W “XX”
= Wiring Reversed
Daisy Chain, Single
–RW
= Reversed Wiring
–S “XX”
= Daisy Chain Single
– D “XX”
= Daisy Chain, Double
– P “XX”
= Position Polarization
–S
= 10µ" (0,25 µm) Gold on contact area or tail,
Tin on balance
(Standard on HCSS & HCSD. Leave blank)
–T
= Tin
(Standard on HCMS & HCMD. Leave blank)
–G
= Gray Cable
– ST “X”
= Stripped & Tinned
– B “XX”
= Breakout
–M
= Middle Reversed
–O
= Outside Reversed
1/8" (3,18)
1/4" (6,35)
1/2" (12,70)
3/8" (9,53)
–ST8
–ST4
–ST2
–ST3
LEAD
STYLE
–01
= HCSS/HCSD or
(3,05 mm) .120" tail for
HCMS/HCMD
–02
= (5,84 mm) .230" tail
HCMS/HCMD only


Similar Part No. - HCMS-09-D-18.75-01-S

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-235 HP-HCMS-235 Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
HCMS-2351 HP-HCMS-2351 Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
HCMS-2353 HP-HCMS-2353 Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
HCMS-235X HP-HCMS-235X Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-235X AVAGO-HCMS-235X Datasheet
141Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
More results

Similar Description - HCMS-09-D-18.75-01-S

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HCSD-05-01-N SAMTEC-HCSD-05-01-N Datasheet
231Kb / 2P
   IDC SOCKET & TERMINAL CABLE
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
   IDC IDC CABLE SOCKET
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
   IDC IDC CABLE SOCKET
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1 Datasheet
115Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
   IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
   IDC IDC CABLE SOCKET 2mm PITCH
logo
Adam Technologies, Inc.
2FCS-XX-SG ADAM-TECH-2FCS-XX-SG Datasheet
81Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG ADAM-TECH-FCS-XX-SG Datasheet
96Kb / 1P
   FLAT CABLE IDC SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com