Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y3R0-40E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK9Y3R0-40E
Description  Repetitive avalanche rated
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y3R0-40E Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9Y3R0-40E Datasheet HTML 1Page - NXP Semiconductors BUK9Y3R0-40E Datasheet HTML 2Page - NXP Semiconductors BUK9Y3R0-40E Datasheet HTML 3Page - NXP Semiconductors BUK9Y3R0-40E Datasheet HTML 4Page - NXP Semiconductors BUK9Y3R0-40E Datasheet HTML 5Page - NXP Semiconductors BUK9Y3R0-40E Datasheet HTML 6Page - NXP Semiconductors BUK9Y3R0-40E Datasheet HTML 7Page - NXP Semiconductors BUK9Y3R0-40E Datasheet HTML 8Page - NXP Semiconductors BUK9Y3R0-40E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BUK9Y3R0-40E
N-channel 40 V 3.0 mΩ logic level MOSFET in LFPAK56
BUK9Y3R0-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
12 February 2013
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
S
source
2
S
source
3
S
source
4
G
gate
mb
D
mounting base; connected to
drain
mb
1 2 3 4
LFPAK; Power-
SO8 (SOT669)
S
D
G
mbb076
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BUK9Y3R0-40E
LFPAK;
Power-SO8
plastic single-ended surface-mounted package; 4 leads
SOT669
7. Marking
Table 4.
Marking codes
Type number
Marking code
BUK9Y3R0-40E
93E040
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
40
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
40
V
Tj ≤ 175 °C; DC
-10
10
V
VGS
gate-source voltage
Tj ≤ 175 °C; Pulsed
[1][2]
-15
15
V
Tmb = 25 °C; VGS = 5 V; Fig. 1
[3]
-
100
A
ID
drain current
Tmb = 100 °C; VGS = 5 V; Fig. 1
[3]
-
100
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs; Fig. 4
-
718
A
Ptot
total power dissipation
Tmb = 25 °C; Fig. 2
-
194
W


Similar Part No. - BUK9Y3R0-40E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9Y3R0-40E NEXPERIA-BUK9Y3R0-40E Datasheet
743Kb / 13P
   N-channel 40 V 3.0 mΩ logic level MOSFET in LFPAK56
11 November 2014
logo
NXP Semiconductors
BUK9Y3R0-40E PHILIPS-BUK9Y3R0-40E_15 Datasheet
271Kb / 13P
   N-channel 40 V 3.0 m logic level MOSFET in LFPAK56
11 November 2014
More results

Similar Description - BUK9Y3R0-40E

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFL9014 KERSEMI-IRFL9014 Datasheet
790Kb / 8P
   Repetitive Avalanche Rated
logo
New Jersey Semi-Conduct...
IRF510 NJSEMI-IRF510 Datasheet
111Kb / 2P
   Repetitive Avalanche Rated
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFV460 IRF-IRFV460 Datasheet
258Kb / 10P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7360 IRF-IRHM7360 Datasheet
332Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7450 IRF-IRHM7450 Datasheet
311Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED
logo
Kersemi Electronic Co.,...
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com