Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM4520V-142-2P Datasheet(PDF) 3 Page - TDK Electronics

Part # ACM4520V-142-2P
Description  Common Mode Filters For Power Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM4520V-142-2P Datasheet(HTML) 3 Page - TDK Electronics

  ACM4520V-142-2P Datasheet HTML 1Page - TDK Electronics ACM4520V-142-2P Datasheet HTML 2Page - TDK Electronics ACM4520V-142-2P Datasheet HTML 3Page - TDK Electronics ACM4520V-142-2P Datasheet HTML 4Page - TDK Electronics ACM4520V-142-2P Datasheet HTML 5Page - TDK Electronics ACM4520V-142-2P Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(2/5)
002-01 / 20130226 / e9713_acm_v.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS
CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
ACM4520V-231-2P
ACM4520V-901-2P
ACM4520V-421-2P
ACM4520V-142-2P
4.5
4.7
±0.2
0.65
0.65
1
2
4
3
Wire
Terminal
Ferrite
Dimensions in mm
1
2
4
3
• No polarity
1.25
3.5
1.25
Dimensions in mm
Part No.
Common modeimpedance
(
 )[at 100MHz]
DC resistance
(
 )max.
[1 line]
Rated current
Idc
(A)max.
Rated voltage
Edc
(V)max.
Insulation
resistance
(M
 )min.
min.
typ.
125°C
ACM4520V-231-2P
180
230
0.05
1.5
50
10
ACM4520V-421-2P
300
420
0.055
1.4
50
10
ACM4520V-901-2P
650
900
0.06
1.2
50
10
ACM4520V-142-2P
1000
1400
0.08
1.0
50
10
1
1
10000
1000
10
100
10
100
1000
Frequency(MHz)
Common mode
Differential mode
1
1
10000
1000
10
100
10
100
1000
Frequency(MHz)
Common mode
Differential mode
1
10000
1000
10
100
Frequency(MHz)
Common mode
Differential mode
1
10
100
1000
1
10000
1000
10
100
Frequency(MHz)
Common mode
Differential mode
1
10
100
1000


Similar Part No. - ACM4520V-142-2P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4520V-142-2P-T00 TDK-ACM4520V-142-2P-T00 Datasheet
104Kb / 7P
   Common Mode Filters For power line
More results

Similar Description - ACM4520V-142-2P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
   Common Mode Filters For power line
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1211-102-2PL-TL01 TDK-ACM1211-102-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1513-551-2PL-TLHF TDK-ACM1513-551-2PL-TLHF_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM4520V-142-2P-T00 TDK-ACM4520V-142-2P-T00 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACM3225-601-2P TDK-ACM3225-601-2P Datasheet
184Kb / 9P
   Common Mode Filters For power line
ACM70V-701-2PL-TL00 TDK-ACM70V-701-2PL-TL00_16 Datasheet
106Kb / 7P
   Common Mode Filters For automotive power line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com