Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04773.15MXP Datasheet(PDF) 1 Page - Littelfuse

Part # 04773.15MXP
Description  Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04773.15MXP Datasheet(HTML) 1 Page - Littelfuse

  04773.15MXP Datasheet HTML 1Page - Littelfuse 04773.15MXP Datasheet HTML 2Page - Littelfuse 04773.15MXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
311
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
477 Series
5×20 mm > Time-Lag > 477 Series
Please refer to www.littelfuse.com/series/477.html for current information.
Cartridge Certificates:
NBK040609-JP1021 A
NBK040609-JP1021 C
NBK100408-JP1021 A
Leaded Certificates:
NBK040609-JP1021 B
NBK040609-JP1021 D
NBK100408-JP1021 B
477 Series, 5 x 20 mm, Time-Lag (Slo-Blo®) Fuse
PS
E
Revised: December 30, 2010


Similar Part No. - 04773.15MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04773.15MXEP LITTELFUSE-04773.15MXEP Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results

Similar Description - 04773.15MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047706.3MXEP LITTELFUSE-047706.3MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477002.MXP LITTELFUSE-0477002.MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477010.MXEP LITTELFUSE-0477010.MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477010.MXP LITTELFUSE-0477010.MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477016.MXEP LITTELFUSE-0477016.MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477.500MXEP LITTELFUSE-0477.500MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477002.MXEP LITTELFUSE-0477002.MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477004.MXEP LITTELFUSE-0477004.MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477004.MXP LITTELFUSE-0477004.MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
0477001.MXEP LITTELFUSE-0477001.MXEP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses 5횞20 mm > Time-Lag > 477 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com