Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3607ARU Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3607ARU
Description  50 mA Switched Capacitor Voltage Boost with Regulated Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3607ARU Datasheet(HTML) 6 Page - Analog Devices

  ADP3607ARU Datasheet HTML 1Page - Analog Devices ADP3607ARU Datasheet HTML 2Page - Analog Devices ADP3607ARU Datasheet HTML 3Page - Analog Devices ADP3607ARU Datasheet HTML 4Page - Analog Devices ADP3607ARU Datasheet HTML 5Page - Analog Devices ADP3607ARU Datasheet HTML 6Page - Analog Devices ADP3607ARU Datasheet HTML 7Page - Analog Devices ADP3607ARU Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
ADP3607
–6–
THEORY OF OPERATION
The ADP3607 uses a switched capacitor principle to generate
a regulated boost voltage from a positive input voltage. An
on-board oscillator generates a two-phase clock to control a
switching network that transfers charge between the storage
capacitors. The switches turn on and off at a 250 kHz rate that
is generated from an internal 500 kHz oscillator. The basic
principle behind the voltage conversion scheme is illustrated in
Figures 14 and 15.
S2
S1
VIN
VOUT
S3
S4
+
CP
Figure 14. ADP3607 Switch Configuration Charging the
Pump Capacitor
During phase one, S1 and S3 are ON, charging the pump ca-
pacitor to the input voltage. Before the next phase begins, S1
and S3 are turned OFF, as are S2 and S4 to prevent any over-
lap. S2 and S4 are turned ON during the second phase (see
Figure 15) and charge stored in the pump capacitor is trans-
ferred to the output capacitor.
S2
S1
VIN
VOUT
S3
S4
+
CP
Figure 15. ADP3607 Switch Configuration Charging the
Output Capacitor
During the second phase, the negative terminal of the pump
capacitor is connected to VIN through variable resistance switch
S4, and the positive terminal is connected to the output, result-
ing in a voltage shift at the output terminal. The ADP3607
block diagram is shown on the front page.
TEMPERATURE – C
10
1.0
0.01
–50
100
0
50
0.1
ALUMINUM
CERAMIC
TANTALUM
ORGANIC SEMIC
Figure 16. ESR vs. Temperature
APPLICATION INFORMATION
Capacitor Selection
The ADP3607’s high internal oscillator frequency permits the
use of small capacitors for both the pump and the output ca-
pacitors. For a given load current, factors affecting the output
voltage performance are:
• Pump (CP) and output (CO) capacitance.
• ESR of the C
P and CO.
When selecting the capacitors, keep in mind that not all manu-
facturers guarantee capacitor ESR in the range required by the
circuit. In general, the capacitor’s ESR is inversely proportional
to its physical size, so larger capacitance values and higher volt-
age ratings tend to reduce ESR. Since the ESR is also a function
of the operating frequency, when selecting a capacitor make sure
its value is rated at the circuit’s operating frequency. Another
factor affecting capacitor performance is temperature.
Figure 16 illustrates the temperature effect on various capaci-
tors. If the circuit has to operate at temperatures significantly
different from +25
°C, the capacitance and ESR values must be
carefully selected to adequately compensate for the change.
Various capacitor technologies offer improved performance over
temperature; for example, certain tantalum capacitors provide
good low temperature ESR but at a higher cost. Table II pro-
vides the ratings for different types of capacitor technologies to
help the designer select the right capacitors for the application.
The exact values of CIN and CO are not critical. However, low
ESR capacitors such as solid tantalum and multilayer ceramic
capacitors are recommended to minimize voltage loss at high
currents. Table III shows a partial list of the recommended low
ESR capacitor manufacturers.
CAPACITANCE –
F
5
0
20
40
60
80
100
120
140
40
10
ADP3607-5
150m
100m
50m
15
20
25
30
35
ILOAD = 50mA
Figure 17. Output Ripple Voltage (mV) vs. Capacitance
and ESR
Input Capacitor
A small 1
µF input bypass capacitor (preferably with low ESR)
such as tantalum or multilayer ceramic, is recommended to
reduce noise and supply transients, and supply part of the peak
input current drawn by the ADP3607. A large capacitor is rec-
ommended if the input supply is connected to the ADP3607
through long leads, or if the pulse current drawn by the device
might affect other circuitry through supply coupling.
Output Capacitor
The output capacitor (CO) is alternately charged to the CP volt-
age when CP is switched in parallel with CO. The ESR of CO
introduces steps in the VOUT waveform whenever the charge
pump charges CO, which contributes to VOUT ripple. Thus,
ceramic or tantalum capacitors are recommended for CO to
minimize ripple on the output. Figure 17 illustrates the output
ripple voltage effect for various capacitance and ESR values.
Note that as the capacitor value increases beyond the point
where the dominant contribution to the output ripple is due to
the ESR, no significant reduction in VOUT ripple is achieved by
added capacitance. Since output current is supplied solely by


Similar Part No. - ADP3607ARU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADP360120W3 STMICROELECTRONICS-ADP360120W3 Datasheet
8Mb / 15P
   Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 2.55 m typ. SiC MOSFET gen.3 based
October 2022 Rev 4
logo
Analog Devices
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604 Datasheet
127Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604AR AD-ADP3604AR Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
More results

Similar Description - ADP3607ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3605 AD-ADP3605 Datasheet
197Kb / 8P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. A
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
   Dual Output Regulated Switched Capacitor Voltage Converter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2686 NSC-LM2686 Datasheet
204Kb / 8P
   Regulated Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com