Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3802AR Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3802AR
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3802AR Datasheet(HTML) 3 Page - Analog Devices

  ADP3802AR Datasheet HTML 1Page - Analog Devices ADP3802AR Datasheet HTML 2Page - Analog Devices ADP3802AR Datasheet HTML 3Page - Analog Devices ADP3802AR Datasheet HTML 4Page - Analog Devices ADP3802AR Datasheet HTML 5Page - Analog Devices ADP3802AR Datasheet HTML 6Page - Analog Devices ADP3802AR Datasheet HTML 7Page - Analog Devices ADP3802AR Datasheet HTML 8Page - Analog Devices ADP3802AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
–3–
REV. 0
ADP3801/ADP3802
Parameter
Conditions
Symbol
Min
Typ
Max
Units
EOC OUTPUT5
Trip Point
100 k
Ω to VL
VCS
3
10
mV
Hysteresis
100 k
Ω to VL
VCS
3
0.2
mV
SHUTDOWN (SD)
ON
SD
H
2.0
V
OFF
SD
L
0.8
V
SD Input Current
0.2
1
µA
LOW DROPOUT REGULATOR
Output Voltage
6
0 mA
≤ I
LOAD ≤ 10 mA,
4.1 V
≤ VCC ≤ 20 V, –10°C ≤ T
A ≤ +70°C
VL
3.267
3.3
3.333
V
0 mA
≤ I
LOAD
≤ 10 mA,
4.1 V
≤ VCC ≤ 20 V, –40°C ≤ T
A ≤ +85°C
VL
3.250
3.350
V
Dropout Voltage (VCC – VL)
ILOAD = 10 mA
VDO
0.4
0.8
V
Output Current Drive
IVL
10
20
mA
RESET OUTPUT
VL Rising Threshold
RESET High
2.5
2.7
2.9
V
VL Falling Threshold
RESET Low
2.4
2.55
2.8
V
Output High Logic Level
1 M
Ω to Ground External
2.4
2.9
V
POWER SUPPLY
ON Supply Current
No External Loads
ISYON
5.0
7.0
mA
OFF Supply Current
No External Loads
ISYOFF
115
180
µA
UVLO
6, 7
VCC Rising Threshold
Turn On
3.8
3.9
4.0
V
VCC Falling Threshold
Turn Off, IVL = 1 mA
3.4
V
NOTES
1 VCC = V
BAT + 2 V.
2 See Figure 5.
3 V
CS = (VCS+) – (VCS–).
4 Accuracy guaranteed by ISET INPUT, Programming Function Accuracy specification.
5
EOC Output Comparator monitors charge current, and it is enabled when V
BAT ≥ 95% of the final battery voltage.
6 LDO is active during SD and UVLO.
7 Turn-off threshold depends on LDO dropout.
All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
Specifications subject to change without notice.


Similar Part No. - ADP3802AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
More results

Similar Description - ADP3802AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3804 AD-ADP3804 Datasheet
89Kb / 7P
   High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
ADP3806 AD-ADP3806 Datasheet
274Kb / 16P
   High-Frequency Switch Mode Li-Ion Battery Charger
REV. B
ADP3804 AD-ADP3804_15 Datasheet
88Kb / 7P
   High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
logo
Mitsumi Electronics, Co...
DTC-S1P MITSUMI-DTC-S1P Datasheet
157Kb / 2P
   AC Chargers for Li-ion Battery Pack
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com