Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC2330N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC2330N
Description  Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2330N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC2330N Datasheet HTML 1Page - IXYS Corporation CPC2330N Datasheet HTML 2Page - IXYS Corporation CPC2330N Datasheet HTML 3Page - IXYS Corporation CPC2330N Datasheet HTML 4Page - IXYS Corporation CPC2330N Datasheet HTML 5Page - IXYS Corporation CPC2330N Datasheet HTML 6Page - IXYS Corporation CPC2330N Datasheet HTML 7Page - IXYS Corporation CPC2330N Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
CPC2330N
FORM-A PERFORMANCE DATA (Cont.)*
*The Performance Data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.12
0.14
0.16
0.18
0.20
0.22
0.24
Typical I
F for Switch Operation
(I
L=60mA)
LED Current (mA)
0
1020
304050
0
1
2
3
4
5
6
7
Typical Turn-On Time
vs. LED Forward Current
(I
L=60mA, TA=25ºC)
LED Current (mA)
0
1020
304050
0.28
0.30
0.32
0.34
0.36
0.38
0.40
Typical Turn-Off Time
vs. LED Forward Current
(I
L=60mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
18
20
22
24
26
28
30
32
Typical On-Resistance
vs. Temperature
(I
F=20mA, IL=60mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Typical Turn-On Time
vs. Temperature
(I
L=60mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
Typical Turn-Off Time
vs. Temperature
(I
L=60mA)
I
F=2mA
I
F=5mA
Load Voltage (V)
-3
-2
-1
0
1
2
3
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
Typical Load Current
vs. Load Voltage
(I
F=0mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
390
400
410
420
430
440
450
460
Typical Blocking Voltage
vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.000
0.005
0.010
0.015
0.020
0.025
0.030
Leakage Current vs. Temperature
Measured Across Pins 5 & 6
(I
F=0mA, VL=350V)
Load Voltage (V)
0.1
1
10
100
1000
0
10
20
30
40
50
Output Capacitance
vs. Load Voltage
(I
F=0mA, f=1MHz, TA=25ºC)


Similar Part No. - CPC2330N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
   Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2317NTR IXYS-CPC2317NTR Datasheet
126Kb / 7P
   Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
More results

Similar Description - CPC2330N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
   Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2125N IXYS-CPC2125N Datasheet
118Kb / 6P
   Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
   Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
   Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
   8-Pin Dual SOIC OptoMOS짰 Relay
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2017N IXYS-CPC2017N Datasheet
115Kb / 6P
   Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
logo
Clare, Inc.
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
   Dual Single-Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com