Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0473002.HAT1L Datasheet(PDF) 1 Page - Littelfuse

Part # 0473002.HAT1L
Description  Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0473002.HAT1L Datasheet(HTML) 1 Page - Littelfuse

  0473002.HAT1L Datasheet HTML 1Page - Littelfuse 0473002.HAT1L Datasheet HTML 2Page - Littelfuse 0473002.HAT1L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
473 Series
Please refer to www.littelfuse.com/series/473.html for current information.
PICO® ll > Slo-Blo® > 473 Series
473 Series, PICO® II, Slo-Blo® Fuse
Description
The PICO® II Slo-Blo® Fuse combines time-delay
performance characteristics with the proven reliability of
a PICO® Fuse.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
375mA - 7A
LR 29862
375mA - 7A
PS
E
JET 1896-31007-1001
1A - 5A
Features
Electrical Characteristics
withstand
% of Ampere
Rating
Opening Time
100%
Min.
200%
Min.
Max.
300%
Min.
Max.
800%
Min.
Max.
Applications
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Nom
Voltage Drop
(mV)
Agency Approvals
PS
E
0.375
.375
125
50 amperes at 125 VDC/
VAC
1.7400
0.085
0.840
XX
0.500
.500
125
1.1300
0.210
0.775
XX
0.750
.750
125
0.4600
0.760
0.429
XX
1.00
001.
125
0.3000
2.010
0.353
XXX
1.50
01.5
125
0.1160
3.940
0.208
XXX
2.00
002.
125
0.0712
7.600
0.180
XXX
2.25
2.25
125
0.0630
9.280
0.164
XXX
2.50
02.5
125
0.0520
13.00
0.153
XXX
3.00
003.
125
0.0380
21.00
0.140
XXX
3.50
03.5
125
0.0240
26.80
0.094
XXX
4.00
004.
125
0.0194
35.00
0.086
XXX
5.00
005.
125
0.0133
54.80
0.074
XXX
7.00
007.
125
0.0092
105.00
0.070
XX
Electrical Characteristics
PS
E
Revised: April 24, 2011


Similar Part No. - 0473002.HAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0473002.MAT1L LITTELFUSE-0473002.MAT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473002.MRT1HF LITTELFUSE-0473002.MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473002.MRT1L LITTELFUSE-0473002.MRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473002.MRT3- LITTELFUSE-0473002.MRT3- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473002.YAT1L LITTELFUSE-0473002.YAT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
More results

Similar Description - 0473002.HAT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0473002.YAT1L LITTELFUSE-0473002.YAT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473005.MRT1HF LITTELFUSE-0473005.MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
047303.5MRT1HF LITTELFUSE-047303.5MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473004.YRT1L LITTELFUSE-0473004.YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473007.YRT3L LITTELFUSE-0473007.YRT3L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473.750MRT1L LITTELFUSE-0473.750MRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
047301.5YAT1L LITTELFUSE-047301.5YAT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
047302.5YAT1L LITTELFUSE-047302.5YAT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473.375MRT1HF LITTELFUSE-0473.375MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473003.MAT1L LITTELFUSE-0473003.MAT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473004.MRT1L LITTELFUSE-0473004.MRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com