Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR380ARTZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR380ARTZ-REEL7
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ARTZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADR380ARTZ-REEL7 Datasheet HTML 1Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 2Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 3Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
ADR380/ADR381
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4,000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADR380/ADR381 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Output Short-Circuit Duration to GND
VIN > 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 sec
VIN
≤ 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
RT Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
ADR380/ADR381 . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
RT Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 Sec) . . . . . . . . 300
°C
Package Type
JA
2
JC
Unit
3-Lead SOT-23 (RT)
333
°C/W
NOTES
1Absolute maximum ratings apply at 25
°C, unless otherwise noted.
2
θ
JA is specified for the worst-case conditions, i.e.,
θ
JA is specified for device
soldered in circuit board for surface-mount packages.
ORDERING GUIDE
Temperature
Package
Package
Output
Number of
Model
Range
Description
Option
Branding
Voltage
Parts per Reel
ADR380ART-R2
–40
°C to +85°C
SOT-23
RT-3
R2A
2.048
250
ADR380ART-REEL7
–40
°C to +85°C
SOT-23
RT-3
R2A
2.048
3,000
ADR380ARTZ-REEL7
*
–40
°C to +85°C
SOT-23
RT-3
R2A
2.048
3,000
ADR381ART-R2
–40
°C to +85°C
SOT-23
RT-3
R3A
2.500
250
ADR381ART-REEL7
–40
°C to +85°C
SOT-23
RT-3
R3A
2.500
3,000
ADR381ARTZ-REEL7
*
–40
°C to +85°C
SOT-23
RT-3
R3A
2.500
3,000
*Z = Pb-free part
PIN CONFIGURATION
3-Lead SOT-23
(RT Suffix)
1
2
ADR380/
ADR381
(Not to Scale)
3
VIN
GND
VOUT


Similar Part No. - ADR380ARTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

Similar Description - ADR380ARTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
   PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com