Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2171 Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-2171
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2171 Datasheet(HTML) 2 Page - Analog Devices

  ADSP-2171 Datasheet HTML 1Page - Analog Devices ADSP-2171 Datasheet HTML 2Page - Analog Devices ADSP-2171 Datasheet HTML 3Page - Analog Devices ADSP-2171 Datasheet HTML 4Page - Analog Devices ADSP-2171 Datasheet HTML 5Page - Analog Devices ADSP-2171 Datasheet HTML 6Page - Analog Devices ADSP-2171 Datasheet HTML 7Page - Analog Devices ADSP-2171 Datasheet HTML 8Page - Analog Devices ADSP-2171 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
REV. A
–2–
ADSP-2171/ADSP-2172/ADSP-2173
Development System
The ADSP-2100 Family Development Software, a complete set
of tools for software and hardware system development, supports
the ADSP-217x. The System Builder provides a high-level
method for defining the architecture of systems under develop-
ment. The Assembler has an algebraic syntax that is easy to
program and debug. The Linker combines object files into
an executable file. The Simulator provides an interactive
instruction-level simulation with a reconfigurable user interface
to display different portions of the hardware environment. A
PROM Splitter generates PROM programmer compatible files.
The C Compiler, based on the Free Software Foundation’s
GNU C Compiler, generates ADSP-217x assembly source
code. The Runtime Library includes over 100 ANSI-standard
mathematical and DSP-specific functions.
EZ-Tools, low cost, easy-to-use hardware tools, also support the
ADSP-217x.
The ADSP-217x EZ-ICE
® Emulator aids in the hardware de-
bugging of ADSP-217x systems. The emulator consists of hard-
ware, host computer resident software, the emulator probe, and
the pin adaptor. The emulator performs a full range of emula-
tion functions including stand-alone operation or operation in
the target, setting up to 20 breakpoints, single-step or full-speed
operation in the target, examining and altering registers and
memory values, and PC upload/download functions. If you plan
to use the emulator, you should consider the emulator’s restric-
tions (differences between emulator and processor operation).
The EZ-LAB
® Evaluation Board is a PC plug-in card, but it can
operate in stand-alone mode. The evaluation board/system de-
velopment board executes EPROM-based or downloaded pro-
grams. Modular Analog Front End daughter cards with different
codecs will be made available.
EZ-ICE and EZ-LAB are registered trademarks of Analog Devices, Inc.
Additional Information
This data sheet provides a general overview of ADSP-217x
functionality. For additional information on the architecture and
instruction set of the processor, refer to the ADSP-2100 Family
User’s Manual. For more information about the Development
System and ADSP-217x programmer’s reference information,
refer to the ADSP-2100 Family Assembler Tools & Simulator
Manual.
ARCHITECTURE OVERVIEW
Figure 1 is an overall block diagram of the ADSP-217x. The
processor contains three independent computational units: the
ALU, the multiplier/accumulator (MAC) and the shifter. The
computational units process 16-bit data directly and have provi-
sions to support multiprecision computations. The ALU per-
forms a standard set of arithmetic and logic operations; division
primitives are also supported. The MAC performs single-cycle
multiply, multiply/add and multiply/subtract operations with
40 bits of accumulation. The shifter performs logical and
arithmetic shifts, normalization, denormalization, and derive
exponent operations. The shifter can be used to efficiently
implement numeric format control including multiword and
block floating-point representations.
The internal result (R) bus directly connects the computational
units so that the output of any unit may be the input of any unit
on the next cycle.
A powerful program sequencer and two dedicated data address
generators ensure efficient delivery of operands to these compu-
tational units. The sequencer supports conditional jumps, sub-
routine calls and returns in a single cycle. With internal loop
counters and loop stacks, the ADSP-217x executes looped code
with zero overhead; no explicit jump instructions are required to
maintain the loop.
Figure 1. ADSP-217x Block Diagram
R BUS
16
HIP
CONTROL
HIP
REGISTERS
BOOT
ADDRESS
GENERATOR
BUS
EXCHANGE
COMPANDING
CIRCUITRY
DMA BUS
PMA BUS
DMD BUS
PMD BUS
PROGRAM
SEQUENCER
INSTRUCTION
REGISTER
DATA
ADDRESS
GENERATOR
#2
DATA
ADDRESS
GENERATOR
#1
14
14
INPUT REGS
OUTPUT REGS
SHIFTER
INPUT REGS
OUTPUT REGS
MAC
INPUT REGS
OUTPUT REGS
ALU
24
16
5
16
MUX
24
MUX
SERIAL
PORT 0
RECEIVE REG
TRANSMIT REG
CONTROL
LOGIC
DATA
SRAM
2K X 16
POWER DOWN
CONTROL
LOGIC
14
TIMER
2
3
11
HIP
DATA
BUS
PROGRAM ROM
8K X 24
PROGRAM SRAM
2K X 24
SERIAL
PORT 1
RECEIVE REG
TRANSMIT REG
FLAGS
EXTERNAL
DATA
BUS
EXTERNAL
ADDRESS
BUS
5


Similar Part No. - ADSP-2171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2171 AD-ADSP-2171 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2171 AD-ADSP-2171 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2171 AD-ADSP-2171 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2171 AD-ADSP-2171 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2171 AD-ADSP-2171_15 Datasheet
665Kb / 52P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com