Electronic Components Datasheet Search |
|
ADR291ER-REEL7 Datasheet(PDF) 4 Page - Analog Devices |
|
ADR291ER-REEL7 Datasheet(HTML) 4 Page - Analog Devices |
4 / 15 page REV. B ADR290/ADR291/ADR292 –4– ADR292–SPECIFICATIONS ELECTRICAL SPECIFICATIONS Parameter Symbol Conditions Min Typ Max Unit E GRADE Output Voltage VO IOUT = 0 mA 4.093 4.096 4.099 V Initial Accuracy VOERR –3 +3 mV –0.07 +0.07 % F GRADE Output Voltage VO IOUT = 0 mA 4.092 4.096 4.1 V Initial Accuracy VOERR –4 +4 mV –0.10 +0.10 % G GRADE Output Voltage VO IOUT = 0 mA 4.090 4.096 4.102 V Initial Accuracy VOERR –6 +6 mV –0.15 +0.15 % LINE REGULATION “E/F” Grades ∆VO/∆VIN 4.5 V to 15 V, IOUT = 0 mA 30 100 ppm/V “G” Grade 40 125 ppm/V LOAD REGULATION “E/F” Grades ∆VO/∆ILOAD VS = 5.0 V, 0 mA to 5 mA 30 100 ppm/mA “G” Grade 40 125 ppm/mA LONG-TERM STABILITY ∆VO After 1000 hrs of Operation @ 125 °C 50 ppm NOISE VOLTAGE eN 0.1 Hz to 10 Hz 12 µV p-p WIDEBAND NOISE DENSITY eN @ 1 kHz 640 nV/ √Hz ELECTRICAL SPECIFICATIONS Parameter Symbol Conditions Min Typ Max Unit TEMPERATURE COEFFICIENT “E” Grade TCVO IOUT = 0 mA 3 8 ppm/ °C “F” Grade 5 15 ppm/ °C “G” Grade 10 25 ppm/ °C LINE REGULATION “E/F” Grades ∆VO/∆VIN 4.5 V to 15 V, IOUT = 0 mA 35 125 ppm/V “G” Grade 50 150 ppm/V LOAD REGULATION “E/F” Grades ∆VO/∆ILOAD VS = 5.0 V, 0 mA to 5 mA 20 125 ppm/mA “G” Grade 30 150 ppm/mA ELECTRICAL SPECIFICATIONS Parameter Symbol Conditions Min Typ Max Unit TEMPERATURE COEFFICIENT “E” Grade TCVO IOUT = 0 mA 3 10 ppm/ °C “F” Grade 5 20 ppm/ °C “G” Grade 10 30 ppm/ °C LINE REGULATION “E/F” Grades ∆VO/∆VIN 4.5 V to 15 V, IOUT = 0 mA 40 200 ppm/V “G” Grade 70 250 ppm/V LOAD REGULATION “E/F” Grades ∆VO/∆ILOAD VS = 5.0 V, 0 mA to 5 mA 20 200 ppm/mA “G” Grade 30 300 ppm/mA SUPPLY CURRENT IS TA = +25 °C10 15 µA –40 °C ≤ T A ≤ +125°C12 18 µA THERMAL HYSTERESIS VO–HYS SO-8, TSSOP-8 50 ppm Specifications subject to change without notice. (VS = 5 V, TA = +25 C unless otherwise noted) (VS = 5 V, TA = –40 C ≤ TA ≤ +125 C unless otherwise noted) (VS = 5 V, TA = –25 C ≤ TA ≤ +85 C unless otherwise noted) |
Similar Part No. - ADR291ER-REEL7 |
|
Similar Description - ADR291ER-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |