Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2164 Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-2164
Description  DSP Microcomputers with ROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2164 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-2164 Datasheet HTML 5Page - Analog Devices ADSP-2164 Datasheet HTML 6Page - Analog Devices ADSP-2164 Datasheet HTML 7Page - Analog Devices ADSP-2164 Datasheet HTML 8Page - Analog Devices ADSP-2164 Datasheet HTML 9Page - Analog Devices ADSP-2164 Datasheet HTML 10Page - Analog Devices ADSP-2164 Datasheet HTML 11Page - Analog Devices ADSP-2164 Datasheet HTML 12Page - Analog Devices ADSP-2164 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
REV. 0
ADSP-216x
–9–
Bus Interface
The ADSP-216x processors can relinquish control of their data
and address buses to an external device. When the external
device requires control of the buses, it asserts the bus request
signal (
BR). If the ADSP-216x is not performing an external
memory access, it responds to the active
BR input in the next
cycle by:
Three-stating the data and address buses and the PMS,
DMS, BMS, RD, WR output drivers,
Asserting the bus grant (BG) signal, and halting program
execution.
If the Go mode is set, however, the ADSP-216x will not halt
program execution until it encounters an instruction that
requires an external memory access.
If the ADSP-216x is performing an external memory access
when the external device asserts the
BR signal, it will not three-
state the memory interfaces or assert the
BG signal until the
cycle after the access completes (up to eight cycles later depend-
ing on the number of wait states). The instruction does not need
to be completed when the bus is granted; the ADSP-21xx will
grant the bus between two memory accesses if an instruction
requires more than one external memory access.
When the
BR signal is released, the processor releases the BG
signal, re-enables the output drivers and continues program
execution from the point at which it stopped.
The bus request feature operates at all times, including when the
processor is booting and when
RESET is active. If this feature is
not used, the
BR input should be tied high (to V
DD).
POWER-DOWN
The ADSP-2165/ADSP-2166 processors have a low power
feature that lets the processor enter a very low power dormant
state through hardware or software control. A list of power-
down features follows:
Processor registers and on-chip memory contents are main-
tained during power-down.
Power-down mode holds the processor in CMOS standby
with a maximum current of less than 100
µA in some modes.
Support for an externally generated TTL or CMOS proces-
sor clock. The external clock can continue running during
power-down without affecting the lowest power rating.
Support for crystal operation includes disabling the oscillator
to save power. (The processor automatically waits 4096
CLKIN cycles for the crystal oscillator to start and stabilize).
When power-down mode is enabled, powering down of the
processor can be initiated either by externally generated
IRQ2 interrupt or by using the IRQ2 force bit in the IFC
register.
Power-Down Acknowledge Pin (PWDACK) indicates when
the processor has entered power-down.
Interrupt support allows an unlimited number of instructions
to be executed before optionally powering down.
Context clear/save control allows the processor to continue
where it left off or start with a clean context when leaving the
power-down state.
Low-to-high transition of the power-down flag input pin
(PWDFLAG) can be used to terminate power-down.
The
RESET pin also can also be used to terminate
power-down.
Power-Down Control
Several parameters of power-down operation can be controlled
through control bits of the “power-down/sportl autobuffer con-
trol register.” This control register is memory-mapped at loca-
tion 0x3FEF and the power-down control bits are as follows:
bit[15] xtal: xtal pin disable during power-down
1 = disabled, 0 = enable (default)
bit[14] pwdflag: (read only )
when pwdena = 1, the value of bit [14] pwdflag is equal to the
status of the pwdflag input pin.
when pwdena = 0, the value of bit [14] pwdflag is equal to 0.
bit[13] pwdena: power-down enable
1 = enable, 0 = disable (default)
if pwdena is set to 0, then the output pin PWDACK is driven
low and the input pin PWDFLAG is disabled
Note: It is not recommended that power-down enable be set or
cleared during an
IRQ2 interrupt.
bit[12] pucr: power-up context reset
1 = soft reset, 0 = resume execution (default)
Entering Power-Down
The power-down sequence is defined as follows:
Enable power-down logic by setting the pwdena bit in the
power-down/sportl autobuffer control register.
Note: In order to power-down, the PWDENA bit must be set
before the
IRQ2 interrupt is initiated.
Initiate the power-down sequence by generating an
IRQ2
interrupt either externally or by software use of the IFC
register.
The processor vectors to the
IRQ2 interrupt vector located at
0x0004.
Any number of housekeeping instructions, starting at loca-
tion 0x0004 can be executed prior to the processor entering
the power-down mode.
The processor enters the power-down mode when the pro-
cessor executes an IDLE instruction while executing the
IRQ2 interrupt routine.
Notes:
If an RTI instruction is executed before the processor en-
counter an IDLE instruction, then the processor returns
from the
IRQ2 interrupt and the power-down sequence is
aborted.
The user can differentiate between a “normal”
IRQ2 inter-
rupt and a “power-down”
IRQ2 interrupt by resetting the
PWDFLAG pin and checking the status of this pin by testing
the PWDFLAG bit in the power-down/SPORT1 autobuffer
control register located at DM[0x3FEF].


Similar Part No. - ADSP-2164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2164 AD-ADSP-2164 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164 AD-ADSP-2164 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164 AD-ADSP-2164 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164 AD-ADSP-2164 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164 AD-ADSP-2164 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-21MSP5859 AD-ADSP-21MSP5859 Datasheet
372Kb / 40P
   DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com