Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA100PTR Datasheet(PDF) 2 Page - IXYS Corporation

Part # LAA100PTR
Description  Dual Single-Pole OptoMOS Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA100PTR Datasheet(HTML) 2 Page - IXYS Corporation

  LAA100PTR Datasheet HTML 1Page - IXYS Corporation LAA100PTR Datasheet HTML 2Page - IXYS Corporation LAA100PTR Datasheet HTML 3Page - IXYS Corporation LAA100PTR Datasheet HTML 4Page - IXYS Corporation LAA100PTR Datasheet HTML 5Page - IXYS Corporation LAA100PTR Datasheet HTML 6Page - IXYS Corporation LAA100PTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
LAA100
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @25ºC
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous 1
-I
L
-
-
120
mA
rms / mADC
Peak
10ms
I
LPK
-
-
±350
mA
P
On-Resistance 2
I
L=120mA
R
ON
--
25
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F = 5mA, VL = 10V
t
on
--
5
ms
Turn-Off
t
off
--
5
ms
Output Capacitance
V
L = 50V, f=1MHz
C
OUT
-35
-
pF
Input Characteristics
Input Control Current to Activate
I
L = 120mA
I
F
--
5
mA
Input Control Current to Deactivate
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F = 5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R = 5V
I
R
-
-
10
µA
Common Characteristics
Capacitance Input to Output
-
C
I/O
-3
-
pF
1 If both poles operate, the load current must be derated so that the package power dissipation value is not exceeded.
2 Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25ºC


Similar Part No. - LAA100PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA100PTR CLARE-LAA100PTR Datasheet
116Kb / 7P
   DUAL POLE OptoMOS Relay
More results

Similar Description - LAA100PTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
   Dual Single-Pole OptoMOS Relays
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
   Dual Single-Pole OptoMOS Relays
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
   Dual Single-Pole OptoMOS Relays
logo
Clare, Inc.
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
   Dual Single Pole OptoMOS Relays
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
   Dual Single Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
   Dual Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com