Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2171BS-133 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-2171BS-133
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2171BS-133 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-2171BS-133 Datasheet HTML 6Page - Analog Devices ADSP-2171BS-133 Datasheet HTML 7Page - Analog Devices ADSP-2171BS-133 Datasheet HTML 8Page - Analog Devices ADSP-2171BS-133 Datasheet HTML 9Page - Analog Devices ADSP-2171BS-133 Datasheet HTML 10Page - Analog Devices ADSP-2171BS-133 Datasheet HTML 11Page - Analog Devices ADSP-2171BS-133 Datasheet HTML 12Page - Analog Devices ADSP-2171BS-133 Datasheet HTML 13Page - Analog Devices ADSP-2171BS-133 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
REV. A
–10–
ADSP-2171/ADSP-2172/ADSP-2173
Bus Request & Bus Grant
The ADSP-217x can relinquish control of the data and address
buses to an external device. When the external device requires
access to memory, it asserts the bus request (BR) signal. If the
ADSP-217x is not performing an external memory access, then
it responds to the active BR input in the following processor
cycle by:
• three-stating the data and address buses and the PMS, DMS,
BMS
, RD, WR output drivers,
• asserting the bus grant (BG) signal, and
• halting program execution.
If the Go Mode is enabled, the ADSP-217x will not halt pro-
gram execution until it encounters an instruction that requires
an external memory access.
If the ADSP-217x is performing an external memory access
when the external device asserts the BR signal, then it will not
three-state the memory interfaces or assert the BG signal until
the processor cycle after the access completes, which can be up
to eight cycles later depending on the number of wait states.
The instruction does not need to be completed when the bus is
granted. If a single instruction requires two external memory ac-
cesses, the bus will be granted between the two accesses.
When the BR signal is released, the processor releases the BG
signal, reenables the output drivers and continues program ex-
ecution from the point where it stopped.
The bus request feature operates at all times, including when
the processor is booting and when RESET is active.
The new Bus Grant Hang logic and associated BGH pin allow
the ADSP-217x to operate in a multiprocessor environment
with a minimal number of “wasted” processor cycles. The bus
grant hang pin is asserted when the ADSP-217x desires a cycle,
but cannot execute it because the bus is granted to some other
processor. With the BGH signal, the other processor(s) in the
system can be alerted that the ADSP-217x is hung and release
the bus by deasserting bus request. Once the bus is released the
ADSP-217x executes the external access and deasserts BGH.
This is a signal to the other processors that external memory is
now available.
ADSP-217X REGISTERS
Figure 7 summarizes all the registers in the ADSP-217x. Some
registers store values. For example, AX0 stores an ALU oper-
and; I4 stores a DAG2 pointer. Other registers consist of control
bits and fields, or status flags. For example, ASTAT contains
status flags from arithmetic operations, and fields in DWAIT
control the numbers of wait states for different zones of data
memory.
A secondary set of registers in all computational units allows a
single-cycle context switch.
The bit and field definitions for control and status registers are
given in the rest of this section, except for IMASK, ICNTL and
IFC, which are defined earlier in this data sheet. The system
control register, DWAIT register, timer registers, HIP control
registers, HIP data registers, and SPORT control registers are
all mapped into data memory; that is, registers are accessed by
reading and writing data memory locations rather than register
names. The particular data memory address is shown with each
memory-mapped register.
Register bit values shown on the following pages are the default
bit values after reset. If no values are shown, the bits are indeter-
minate at reset. Reserved bits are shown in gray; these bits
should always be written with zeros.
MAC
MR0 MR1
MF
MR2
MX0 MX1 MY0 MY1
DMA BUS
PMA BUS
DMD BUS
PMD BUS
14
POWERDOWN
CONTROL
LOGIC
PROGRAM
ROM
8K X 24
PROGRAM
SRAM
2K X 24
DAG 2
M4
M5
M6
M7
L4
L5
L6
L7
I4
I5
I6
I7
DAG 1
M0
M1
M2
M3
L0
L1
L2
L3
I0
I1
I2
I3
PROGRAM SEQUENCER
COUNT
STACK
4 X 14
CNTR
OWRCNTR
STATUS
STACK
12 X 25
IMASK
MSTAT
ASTAT
SSTAT
ICNTL
IFC
PC
STACK
16 X 14
LOOP
STACK
4 X 18
DM WAIT CONTROL
SYSTEM CONTROL
0x3FFF
0x3FFE
HOST
INTERFACE
PORT
DATA
STATUS
HMASK
0x3FE0-0x3FE5
0x3FE6-0x3FE7
0x3FE8
ALU
AF
AR
AX0
AY1
AY0
AX1
SHIFTER
SR0 SR1
SI
SE
SB
SPORT 1
CONTROL REGISTERS
0x3FF2-0x3FEF
RX1
TX1
SPORT 0
CONTROL REGISTERS
0x3FFA-0x3FF3
RX0
TX0
PX
TIMER
TPERIOD
TCOUNT
TSCALE
0x3FFD
0x3FFC
0x3FFB
FLAGS
14
16
24
DATA
SRAM
2K X 16
Figure 7. ADSP-217x Registers Control Register


Similar Part No. - ADSP-2171BS-133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2171 AD-ADSP-2171 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2171 AD-ADSP-2171 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2171 AD-ADSP-2171 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2171 AD-ADSP-2171 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2171 AD-ADSP-2171_15 Datasheet
665Kb / 52P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2171BS-133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com