Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAA108PTR Datasheet(PDF) 2 Page - IXYS Corporation

Part # LAA108PTR
Description  Dual Single-Pole, Normally Open OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA108PTR Datasheet(HTML) 2 Page - IXYS Corporation

  LAA108PTR Datasheet HTML 1Page - IXYS Corporation LAA108PTR Datasheet HTML 2Page - IXYS Corporation LAA108PTR Datasheet HTML 3Page - IXYS Corporation LAA108PTR Datasheet HTML 4Page - IXYS Corporation LAA108PTR Datasheet HTML 5Page - IXYS Corporation LAA108PTR Datasheet HTML 6Page - IXYS Corporation LAA108PTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R04
LAA108
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous 1
-I
L
-
-
300
mA
rms / mADC
Peak
t =10ms
I
LPK
-
-
±400
mA
P
On-Resistance 2
I
L=300mA
R
ON
-
4.5
8
Off-State Leakage Current
V
L=100VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.43
3
ms
Turn-Off
t
off
-
0.17
3
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-
110
-
pF
Input Characteristics
Input Control Current to Activate 3
I
L=300mA
I
F
-
0.5
2
mA
Input Control Current to Deactivate
-
-
0.2
0.3
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
1 If both poles operate simultaneously, the load current must be derated so as not to exceed the package total power dissipation value.
2 Measurement taken within one (1) second of on-time.
3 For applications requiring high-temperature operation (T>60ºC), a LED drive currrent of 4mA is recommended.
Parameter
Ratings
Units
Blocking Voltage
100
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / °C
2 Derate linearly 6.67 mW / °C
Absolute Maximum Ratings @ 25°C
Electrical Characteristics @ 25ºC (Unless Otherwise Noted)


Similar Part No. - LAA108PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA108PTR CLARE-LAA108PTR Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
More results

Similar Description - LAA108PTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com