Electronic Components Datasheet Search |
|
LAA120PLTR Datasheet(PDF) 1 Page - IXYS Corporation |
|
LAA120PLTR Datasheet(HTML) 1 Page - IXYS Corporation |
1 / 7 page INTEGRATED CIRCUITS DIVISION www.ixysic.com DS-LAA120L-R05 1 LAA120L Dual Current-Limited, Single Pole OptoMOS® Relay e3 Pb Part # Description LAA120L 8-Pin DIP (50/Tube) LAA120LS 8-Pin Surface Mount (50/Tube) LAA120LSTR 8-Pin Surface Mount (1,000/Reel) LAA120PL 8-Pin Flat Pack (50/Tube) LAA120PLTR 8-Pin Flat Pack (1,000/Reel) Parameter Ratings Units Blocking Voltage 250 V P Load Current 150 mA rms / mADC On-Resistance (max) 25 Applications Features Description Approvals Ordering Information Pin Configuration Switching Characteristics of Normally Open (Form A) Devices • Two Current Limited Relays in One Package • 3750V rms Input/Output Isolation • Low Drive Power Requirements (TTL/CMOS Compatible) • No Moving Parts • High Reliability • Arc-Free With No Snubbing Circuits • FCC Compatible • VDE Compatible • No EMI/RFI Generation • Small 8-Pin Package • Machine Insertable, Wave Solderable • Surface Mount and Tape & Reel Versions Available • Telecommunications • Telecom Switching • Tip/Ring Circuits • Modem Switching (Laptop, Notebook, Pocket Size) • Hook Switch • Dial Pulsing • Ground Start • Ringing Injection • Instrumentation • Multiplexers • Data Acquisition • Electronic Switching • I/O Subsystems • Meters (Watt-Hour, Water, Gas) • Medical Equipment-Patient/Equipment Isolation • Security • Aerospace • Industrial Controls LAA120L is a dual normally open (1-Form-A) Solid State Relay that has two independently controlled, optically coupled MOSFET switches with an additional current limiting circuit. The MOSFET switches and photovoltaic die employ optically coupled MOSFET technology to provide 3750V rms of input/output isolation. The optically coupled outputs, that use patented OptoMOS architecture, are controlled by a highly efficient GaAIAs infrared LED. This dual switch OptoMOS relay provides a more compact design solution than discrete single-pole relays in a variety of applications and saves board space by incorporating both switches in a single 8-Pin package. Form-A I F I LOAD 10% 90% t on t off 1 2 3 4 8 7 6 5 + Control - Switch #1 – Control - Switch #1 + Control - Switch #2 – Control - Switch #2 Load - Switch #1 Load - Switch #1 Load - Switch #2 Load - Switch #2 • UL Certified Component: File E76270 • CSA Certified Component: Certificate 1175739 • EN/IEC 60950-1 Certified Component: TUV Certificate B 10 05 49410 006 |
Similar Part No. - LAA120PLTR |
|
Similar Description - LAA120PLTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |