Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2191M Datasheet(PDF) 30 Page - Analog Devices

Part # ADSP-2191M
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191M Datasheet(HTML) 30 Page - Analog Devices

Back Button ADSP-2191M Datasheet HTML 26Page - Analog Devices ADSP-2191M Datasheet HTML 27Page - Analog Devices ADSP-2191M Datasheet HTML 28Page - Analog Devices ADSP-2191M Datasheet HTML 29Page - Analog Devices ADSP-2191M Datasheet HTML 30Page - Analog Devices ADSP-2191M Datasheet HTML 31Page - Analog Devices ADSP-2191M Datasheet HTML 32Page - Analog Devices ADSP-2191M Datasheet HTML 33Page - Analog Devices ADSP-2191M Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
ADSP-2191M
–30–
REV. 0
Host Port ALE Mode Read Cycle Timing
Table 17 and Figure 16 describe Host port read operations in Address Latch Enable (ALE) mode. For more information on ACK,
Ready, ALE, and ACC mode selection, see the Host port modes description on page 8.
Table 17. Host Port ALE Mode Read Cycle Timing
Parameter
Min
Max
Unit
Switching Characteristics
tRHKS1
HRD Asserted to HACK Asserted (ACK Mode) First Byte
12tHCLK
15tHCLK+tNH
1
1t
NH are peripheral bus latencies (n
tHCLK); these are internal DSP latencies related to the number of peripherals attempting to access DSP memory at
the same time.
ns
tRHKS2
HRD Asserted to HACK Asserted (Setup, ACK Mode)2
2Measurement is for the second, third, or fourth byte of a host read transaction. The quantity of bytes to complete a host read transaction is dependent on
the data bus size (8 or 16 bits) and the data type (16 or 24 bits).
12
ns
tRHKH
HRD Deasserted to HACK Deasserted (Hold, ACK Mode)
10
ns
tRHS
HRD Asserted to HACK Asserted (Setup, Ready Mode)
10
ns
tRHH
HRD Asserted to HACK Deasserted (Hold, Ready Mode)
First Byte
12tHCLK
15tHCLK+tNH
1
ns
tRDH
HRD Deasserted to Data Invalid (Hold)
1
ns
tRDD
HRD Deasserted to Data Disable
10
ns
Timing Requirements
tCSAL
HCMS or HCIOMS Asserted to HALE Asserted (Delay)
0ns
tALCS
HALE Deasserted to Optional
HCMS or HCIOMS
Deasserted
1ns
tRCSW
HRD Deasserted to HCMS or HCIOMS Deasserted
0
ns
tALR
HALE Deasserted to
HRD Asserted
5
ns
tRCS
HRD Deasserted (After Last Byte) to HCMS or
HCIOMS Deasserted (Ready for Next Read)
0ns
tALPW
HALE Asserted Pulsewidth
4
ns
tHKRD
HACK Asserted to
HRD Deasserted (Hold, ACK Mode)
1.5
ns
tAALS
Address Valid to HALE Deasserted (Setup)
2
ns
tALAH
HALE Deasserted to Address Invalid (Hold)
4
ns


Similar Part No. - ADSP-2191M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MBCA-140 AD-ADSP-2191MBCA-140 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBST-140 AD-ADSP-2191MBST-140 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBSTZ-140 AD-ADSP-2191MBSTZ-140 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MKCA-160 AD-ADSP-2191MKCA-160 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MKST-160 AD-ADSP-2191MKST-160 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com