Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2195MBST-140X Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-2195MBST-140X
Description  DSP Microcomputer
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2195MBST-140X Datasheet(HTML) 4 Page - Analog Devices

  ADSP-2195MBST-140X Datasheet HTML 1Page - Analog Devices ADSP-2195MBST-140X Datasheet HTML 2Page - Analog Devices ADSP-2195MBST-140X Datasheet HTML 3Page - Analog Devices ADSP-2195MBST-140X Datasheet HTML 4Page - Analog Devices ADSP-2195MBST-140X Datasheet HTML 5Page - Analog Devices ADSP-2195MBST-140X Datasheet HTML 6Page - Analog Devices ADSP-2195MBST-140X Datasheet HTML 7Page - Analog Devices ADSP-2195MBST-140X Datasheet HTML 8Page - Analog Devices ADSP-2195MBST-140X Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
For current information contact Analog Devices at 800/262-5643
ADSP-2195
September 2001
This information applies to a product under development. Its characteristics and specifications are subject to change with-
out notice. Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing.
4
REV. PrA
35(/,0,1$5< 7(&+1,&$/ '$7$
General Note
This data sheet provides preliminary information for the
ADSP-2195 Digital Signal Processor.
GENERAL DESCRIPTION
The ADSP-2195 DSP is a single-chip microcomputer
optimized for digital signal processing (DSP) and other high
speed numeric processing applications.
The ADSP-2195 combines the ADSP-219x family base
architecture (three computational units, two data address
generators, and a program sequencer) with three serial
ports, two SPI-compatible ports, one UART port, a DMA
controller, three programmable timers, general-purpose
Programmable Flag pins, extensive interrupt capabilities,
and on-chip program and data memory spaces.
The ADSP-2195 architecture is code-compatible with
ADSP-218x family DSPs. Although the architectures are
compatible, the ADSP-2195 architecture has a number of
enhancements over the ADSP-218x architecture. The
enhancements to computational units, data address gener-
ators, and program sequencer make the ADSP-2195 more
flexible and even easier to program than the
ADSP-218x DSPs.
Indirect addressing options provide addressing flexibility—
premodify with no update, pre- and post-modify by an
immediate 8-bit, two’s-complement value and base address
registers for easier implementation of circular buffering.
The ADSP-2195 integrates 48K words of on-chip memory
configured as 16K words (24-bit) of program RAM, 16K
words (16-bit) of data RAM, and 16K words (24-bit) of
program ROM. Power-down circuitry is also provided to
meet the low power needs of battery-operated portable
equipment. The ADSP-2195 is available in 144-lead LQFP
and mini-BGA packages.
Fabricated in a high-speed, low-power, CMOS process, the
ADSP-2195 operates with a 6.25 ns instruction cycle time
(160 MIPS). All instructions, except two multiword
instructions, can execute in a single DSP cycle.
The ADSP-2195’s flexible architecture and comprehensive
instruction set support multiple operations in parallel. For
example, in one processor cycle, the ADSP-2195 can:
• Generate an address for the next instruction fetch
• Fetch the next instruction
• Perform one or two data moves
• Update one or two data address pointers
• Perform a computational operation
These operations take place while the processor
continues to:
• Receive and transmit data through two serial ports
• Receive and/or transmit data from a Host
• Receive or transmit data through the UART
• Receive or transmit data over two SPI ports
• Access external memory through the external memory
interface
•Decrement the timers
DSP Core Architecture
The ADSP-2195 instruction set provides flexible data
moves and multifunction (one or two data moves with a
computation) instructions. Every single-word instruction
can be executed in a single processor cycle. The ADSP-2195
assembly language uses an algebraic syntax for ease of
coding and readability. A comprehensive set of development
tools supports program development.
The functional block diagram on page 1 shows the architec-
ture of the ADSP-219x core. It contains three independent
computational units: the ALU, the multiplier/accumulator
(MAC), and the shifter. The computational units process
16-bit data from the register file and have provisions to
support multiprecision computations. The ALU performs
a standard set of arithmetic and logic operations; division
primitives are also supported. The MAC performs sin-
gle-cycle multiply, multiply/add, and multiply/subtract
operations. The MAC has two 40-bit accumulators, which
help with overflow. The shifter performs logical and arith-
metic shifts, normalization, denormalization, and derive
exponent operations. The shifter can be used to efficiently
implement numeric format control, including multiword
and block floating-point representations.
Register-usage rules influence placement of input and
results within the computational units. For most operations,
the computational units’ data registers act as a data register
file, permitting any input or result register to provide input
to any unit for a computation. For feedback operations, the
computational units let the output (result) of any unit be
input to any unit on the next cycle. For conditional or mul-
tifunction instructions, there are restrictions on which data
registers may provide inputs or receive results from each
computational unit. For more information, see the
ADSP-219x DSP Instruction Set Reference.
A powerful program sequencer controls the flow of instruc-
tion execution. The sequencer supports conditional jumps,
subroutine calls, and low interrupt overhead. With internal
loop counters and loop stacks, the ADSP-2195 executes
looped code with zero overhead; no explicit jump instruc-
tions are required to maintain loops.
Two data address generators (DAGs) provide addresses for
simultaneous dual operand fetches (from data memory and
program memory). Each DAG maintains and updates four
16-bit address pointers. Whenever the pointer is used to
access data (indirect addressing), it is pre- or post-modified
by the value of one of four possible modify registers. A length
value and base address may be associated with each pointer
to implement automatic modulo addressing for circular
buffers. Page registers in the DAGs allow circular addressing


Similar Part No. - ADSP-2195MBST-140X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191 AD-ADSP-2191 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191M AD-ADSP-2191M Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBCA-140 AD-ADSP-2191MBCA-140 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBCA-140 AD-ADSP-2191MBCA-140 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBST-140 AD-ADSP-2191MBST-140 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2195MBST-140X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com