Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA125S Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCA125S
Description  Single-Pole, Normally Open OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA125S Datasheet(HTML) 3 Page - IXYS Corporation

  LCA125S Datasheet HTML 1Page - IXYS Corporation LCA125S Datasheet HTML 2Page - IXYS Corporation LCA125S Datasheet HTML 3Page - IXYS Corporation LCA125S Datasheet HTML 4Page - IXYS Corporation LCA125S Datasheet HTML 5Page - IXYS Corporation LCA125S Datasheet HTML 6Page - IXYS Corporation LCA125S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LCA125
www.ixysic.com
3
R09
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
Typical Turn-On Time
(N=50, I
F=5mA, IL=170mADC)
0.875 1.225 1.575 1.925 2.275 2.625 2.975
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=170mADC)
0.35
0.40
0.45
0.55
0.50
0.60
0.65
Turn-Off Time (ms)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=170mADC)
LED Current (mA)
25
20
15
10
5
0
0.54
0.78
0.90
0.42
0.30
0.66
Typical I
F for Switch Dropout
(N=50, I
L=170mADC)
25
20
15
10
5
0
0.30
0.54
0.78
0.18
0.42
0.66
LED Current (mA)
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=170mADC)
30
25
20
15
10
5
0
8.25
8.75
9.25
9.75
10.25
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50)
25
20
15
10
5
0
302.5
311.5
320.5
338.5
338.5
347.5
Blocking Voltage (V
P)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=10mA
I
F=5mA
Typical Turn-On Time
vs. LED Forward Current
(I
L=170mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-Off Time
vs.LED Forward Current
(I
L=170mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
50


Similar Part No. - LCA125S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA125S CLARE-LCA125S Datasheet
105Kb / 6P
   Single Pole OptoMOS Relay
LCA125STR CLARE-LCA125STR Datasheet
105Kb / 6P
   Single Pole OptoMOS Relay
More results

Similar Description - LCA125S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
   Single-Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
PLA140 IXYS-PLA140 Datasheet
127Kb / 7P
   Single-Pole Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com