Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21MOD980N-000 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-21MOD980N-000
Description  MultiPort Internet Gateway Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21MOD980N-000 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-21MOD980N-000 Datasheet HTML 1Page - Analog Devices ADSP-21MOD980N-000 Datasheet HTML 2Page - Analog Devices ADSP-21MOD980N-000 Datasheet HTML 3Page - Analog Devices ADSP-21MOD980N-000 Datasheet HTML 4Page - Analog Devices ADSP-21MOD980N-000 Datasheet HTML 5Page - Analog Devices ADSP-21MOD980N-000 Datasheet HTML 6Page - Analog Devices ADSP-21MOD980N-000 Datasheet HTML 7Page - Analog Devices ADSP-21MOD980N-000 Datasheet HTML 8Page - Analog Devices ADSP-21MOD980N-000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
6/2001 REV. PrB
For current information contact Analog Devices at (800) ANALOGD
ADSP-21mod980N
PRELIMINARY TECHNICAL DATA
ARCHITECTURE OVERVIEW
Figure 2 on page 4 is a functional block diagram of the
ADSP-21mod980N. It contains eight independent digital
signal processors.
Every modem processor has:
A DSP core
256K bytes of RAM
Two serial ports
An IDMA host.
The signals of each modem processor are accessed through
the external pins of the ADSP-21mod980N. Some signals
are bussed with the signals of the other processors and are
accessed through a single external pin. Other signals remain
separate and they are accessed through separate external
pins for each processor.
The arrangement of the eight modem processors in the
ADSP-21mod980N makes one basic configuration possi-
ble: a slave configuration. In this configuration, the data
pins of all eight processors connect to a single bus structure.
Figure 2. ADSP-21mod980N Functional Block Diagram
IAD<15:0>, IDM A CNTL
P F<0:2>/M OD E A:C
20
3
2188N
2188N
2188N
2188N
2188N
17
2188N
4
4
8
4
2188N
2188N
20
SPORT1
SPORT0A
CLKIN
EMULATOR
S UBTO TAL = 177 S IG NAL BALLS
SIGNALS RO UTED TO EACH RESPECTIVE DIE
8
BG <8:1>
8
BR <8:1>
EE <8:1>
8
IS <8:1>
8
RESET <8:1>
8
CLKOUT <8:1>
8
TFS 0 <8:1>
8
DT1 <8:1>
8
INTE RRUP TS < 8:1>
32
22
V DDINT
44
VDDE XT
S UBTO TAL = 175 P OW E R BALLS
TOTAL = 352 BALLS
109
GND
DATA< 23:8>, A<0 >
IAD <15:0>,
IDM A CNTL
SPORT0B
IDM A CNTL = IAL, IRD, IW R, IACK
INTE RRUP TS = IRQE (P F4), IRQL 0(P F5), IRQL1(P F6), IRQ2(P F7)
EM ULATOR
= EMS, EINT, ELIN, EBR, EBG, ECLK
ELOUT, ERESET
SPORT0A, SPO RT 0B
= RFS 0, DR0, DT0, S CKL0
SPORT1
= RFS1, TFS 1, DR1, SCKL1
NOTE :
1. P W D AND P F3/M ODE D ARE TIE D HIGH
DSP 1
DSP 2
DSP 3
DSP 4
DSP 5
DSP 6
DSP 7
DSP 8


Similar Part No. - ADSP-21MOD980N-000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21MOD970-110 AD-ADSP-21MOD970-110 Datasheet
80Kb / 6P
   Multiport Internet Gateway Processor Solution
REV. 0
More results

Similar Description - ADSP-21MOD980N-000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21MOD970-110 AD-ADSP-21MOD970-110 Datasheet
80Kb / 6P
   Multiport Internet Gateway Processor Solution
REV. 0
ADSP-21MOD870 AD-ADSP-21MOD870 Datasheet
231Kb / 32P
   Internet Gateway Processor
REV. 0
ADSP-21MOD870 AD-ADSP-21MOD870_15 Datasheet
234Kb / 32P
   Internet Gateway Processor
REV. 0
ADSP-21MOD870-110 AD-ADSP-21MOD870-110 Datasheet
60Kb / 6P
   Internet Gateway Processor Software
REV. 0
ADSP-21MOD870-110 AD-ADSP-21MOD870-110_15 Datasheet
65Kb / 6P
   Internet Gateway Processor Software
REV. 0
logo
ATMEL Corporation
AT75C221 ATMEL-AT75C221 Datasheet
556Kb / 23P
   Smart Internet Appliance Processor
AT75C310 ATMEL-AT75C310 Datasheet
187Kb / 12P
   Smart Internet Appliance Processor
logo
Multi-Tech Systems, Inc...
86002198 MULTITECH-86002198 Datasheet
730Kb / 4P
   Programmable Gateway for the Internet of Things
2022-02
86002217 MULTITECH-86002217 Datasheet
720Kb / 4P
   Programmable Gateway for the Internet of Things
2022-02
86002218 MULTITECH-86002218 Datasheet
697Kb / 4P
   Programmable Gateway for the Internet of Things
2022-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com