Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21MSP59 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-21MSP59
Description  DSP Microcomputers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21MSP59 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-21MSP59 Datasheet HTML 1Page - Analog Devices ADSP-21MSP59 Datasheet HTML 2Page - Analog Devices ADSP-21MSP59 Datasheet HTML 3Page - Analog Devices ADSP-21MSP59 Datasheet HTML 4Page - Analog Devices ADSP-21MSP59 Datasheet HTML 5Page - Analog Devices ADSP-21MSP59 Datasheet HTML 6Page - Analog Devices ADSP-21MSP59 Datasheet HTML 7Page - Analog Devices ADSP-21MSP59 Datasheet HTML 8Page - Analog Devices ADSP-21MSP59 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
REV. 0
–4–
ADSP-21msp58/59
Pin
#
Group
of
Input/
Name
Pins Output Function
IRQ0
(RFS1) 1
I
External interrupt request #0
IRQ1
(TFS1) 1
I
External interrupt request #1
SCLK1
1
O
Programmable clock output
FI (DR1)
1
I
Flag input pin
FO (DT1)
1
O
Flag output pin
FL0
1
O
General purpose flag output pin
VDD
4
Digital power supply pins
GND
5
Ground pins
PWD
1
I
Powerdown pin
Analog Pins
VINNORM
1
I
Input terminal of the NORM
amplifier for the encoder section
(ADC)
VINAUX
1
I
Input terminal of the AUX
amplifier for the encoder section
(ADC)
Decouple
1
I
Ground reference of the NORM
and AUX amplifiers for the
encoder section (ADC)
VOUTP
1
O
Noninverting output terminal of
the differential amplifier from
the decoder section (DAC)
VOUTN
1
O
Inverting output terminal of the
differential amplifier from the
decoder section (DAC)
VREF
1
O
Output voltage reference
REF_
FILTER
1
O
Voltage reference external by-
pass filter node
VCC
1
Analog power supply
GNDA
2
Analog ground
Host Interface Port
The ADSP-21msp58/59 host interface port (HIP) is a parallel
I/O port that allows for an easy connection to a host processor.
Through the HIP, the ADSP-21msp58/59 can be used as a
memory-mapped peripheral to a host computer. The HIP can
be thought of as an area of dual-ported memory, or mailbox reg-
isters, that allows communication between the computational
core of the ADSP-21msp58/59 and the host computer.
The host interface port is completely asynchronous. The host
processor can write data into the HIP while the ADSP-
21msp58/59 is operating at full speed.
The HIP can be configured with the following pins:
• BMODE (when MMAP = 0) determines whether the ADSP-
21msp58/59 boots from the host processor (through the HIP)
or external EPROM (through the data bus).
• HMD0 configures the bus strobes as separate read and write
strobes, or a single read/write select and a host data strobe.
• HMD1 selects separate address (3-bit) and data (8-bit) buses,
or a multiplexed 8-bit address/data bus with address latch
enable.
Tying these pins to appropriate values configures the ADSP-
21msp58/59 for straight-wire interface to a variety of industry-
standard microprocessors and microcomputers.
When the host processor writes an 8-bit value to the HIP, the
upper eight bits of the HIP registers are all zeros. For additional
information, refer to the ADSP-2100 Family User’s Manual,
Chapter 7, for information about 8-bit configuration.
HIP Operation
The HIP contains six data registers (HDR5-0) and two status
registers (HSR7-6) with an associated HMASK register for
masking interrupts from individual HIP data registers. The HIP
data registers are memory-mapped in the internal data memory
of the ADSP-21msp58/59. HIP transfers can be managed using
either interrupts or polling. These registers are shown in the sec-
tion “ADSP-21msp58/59 Registers.” The two status registers
provide status information to both the ADSP-21msp58/59 and
the host processor. HSR7 contains a software reset bit that can
be set by the ADSP-21msp58/59 and the host.
The HIP allows a software reset to be performed by the host
processor. The internal software reset signal is asserted for five
ADSP-21msp58/59 cycles.
The HIP generates an interrupt whenever an HDR register re-
ceives data from a host processor write. It also generates an in-
terrupt when the host processor has performed a successful read
of any HDR. The read/write status of the HDRs is also stored in
the HSR registers.
The HMASK register bits can be used to mask the generation of
read or write interrupts from individual HDR registers. Bits in
the IMASK register enable and disable all HIP read interrupts
or all HIP write interrupts. So, for example, a write to HDR4
will cause an interrupt only if both the HDR4 Write bit in
HMASK and the HIP Write interrupt enable bit in IMASK are
set.
The HIP provides a second method of booting the ADSP-
21msp58/59 in which the host processor loads instructions into
the HIP. The ADSP-21msp58/59 automatically transfers the
data, in this case opcodes, to internal program memory. The
BMODE pin determines whether the ADSP-21msp58/59 boots
from the host processor through the HIP or from external
EPROM over the data bus.
Interrupts
The interrupt controller lets the processor respond to interrupts
and reset with a minimum of overhead. The ADSP-21msp58/59
provides up to three external interrupt input pins, IRQ0, IRQ1,
and IRQ2. IRQ2 is always available as a dedicated pin;
SPORT1 may be reconfigured for IRQ1 and IRQ0 and the flag.
The ADSP-21msp58/59 also supports internal interrupts from
the timer, the host interface port, the serial ports, the analog in-
terface, and the powerdown control circuit. The interrupts are
internally prioritized and individually maskable (except for
powerdown and RESET). The input pins can be programmed
for either level- or edge-sensitivity. The priorities and vector ad-
dresses for the interrupts are shown in Table II; the interrupt
registers are shown in Figure 2.


Similar Part No. - ADSP-21MSP59

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-21MSP59

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-216X AD-ADSP-216X Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com