Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB110 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCB110
Description  Single-Pole, Normally Closed OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB110 Datasheet(HTML) 1 Page - IXYS Corporation

  LCB110 Datasheet HTML 1Page - IXYS Corporation LCB110 Datasheet HTML 2Page - IXYS Corporation LCB110 Datasheet HTML 3Page - IXYS Corporation LCB110 Datasheet HTML 4Page - IXYS Corporation LCB110 Datasheet HTML 5Page - IXYS Corporation LCB110 Datasheet HTML 6Page - IXYS Corporation LCB110 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCB110-R09
1
LCB110
Single-Pole, Normally Closed
OptoMOS® Relay
e3
Pb
Part #
Description
LCB110
6-Pin DIP (50/Tube)
LCB110S
6-Pin Surface Mount (50/Tube)
LCB110STR
6-Pin Surface Mount (1000/Reel)
* For other packaging options consult factory.
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
35
Applications
Features
Description
Ordering Information
Pin Configuration
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook,
Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
3750V
rms Input/Output Isolation
Low Drive Power Requirements
(TTL/CMOS Compatible)
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 6-Pin Package
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Version Available
Approvals
Switching Characteristics
of Normally Closed Devices
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 006
1
3
2
4
5
6
+ Control
– Control
N/C
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
+ Load
– Load
DC Only Configuration
N/C
The LCB110 is a single-pole, normally closed
(1-Form-B) relay that uses optically coupled MOSFET
technology to provide 3750V
rms of input to output
isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The LCB110 has low on-resistance and is well suited
for most applications requiring a normally closed relay.


Similar Part No. - LCB110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCB110 CLARE-LCB110 Datasheet
131Kb / 6P
   Single Pole OptoMOS Relay
LCB110S CLARE-LCB110S Datasheet
131Kb / 6P
   Single Pole OptoMOS Relay
LCB110STR CLARE-LCB110STR Datasheet
131Kb / 6P
   Single Pole OptoMOS Relay
More results

Similar Description - LCB110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
   Single Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
   Single Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
   Single-Pole Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
   Single-Pole, Normally Closed OptoMOS Relay
LCB111 IXYS-LCB111 Datasheet
105Kb / 5P
   Single Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
PLB190 IXYS-PLB190 Datasheet
126Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com