Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB111S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCB111S
Description  Single Pole, Normally Closed OptoMOS Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB111S Datasheet(HTML) 1 Page - IXYS Corporation

  LCB111S Datasheet HTML 1Page - IXYS Corporation LCB111S Datasheet HTML 2Page - IXYS Corporation LCB111S Datasheet HTML 3Page - IXYS Corporation LCB111S Datasheet HTML 4Page - IXYS Corporation LCB111S Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCB111-R09
1
LCB111
Single Pole, Normally Closed
OptoMOS® Relay
e3
Pb
Part #
Description
LCB111
6-Pin DIP (50/Tube)
LCB111S
6-Pin Surface Mount (50/Tube)
LCB111STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
350
V
P
Load Current
120
mA
rms / mADC
Input Control Current
2
mA
On-Resistance (max)
35
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of Normally
Closed Devices
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Low Input Control Current: 2mA
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 6-Pin Package
Machine Insertable, Wave Solderable
Tape & Reel, Surface Mount Version Available
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
LCB111 is a 350V, 120mA, 35
, normally closed
(1-Form-B) solid state relay featuring high sensitivity.
It uses optically coupled relay technology to provide
a 3750V
rms isolation barrier between the input and
the output of the relay.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The LCB111 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no moving
parts, it can offer faster, bounce-free switching in a
more compact surface mount or thru-hole package.


Similar Part No. - LCB111S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCB111S CLARE-LCB111S Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCB111STR CLARE-LCB111STR Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
More results

Similar Description - LCB111S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
   Single Pole, Normally Closed OptoMOS Relay
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
   Single Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
   Single-Pole Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
   Single-Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
PLB190 IXYS-PLB190 Datasheet
126Kb / 7P
   Single-Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com