Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7318ARQ Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7318ARQ
Description  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7318ARQ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7318ARQ Datasheet HTML 6Page - Analog Devices ADT7318ARQ Datasheet HTML 7Page - Analog Devices ADT7318ARQ Datasheet HTML 8Page - Analog Devices ADT7318ARQ Datasheet HTML 9Page - Analog Devices ADT7318ARQ Datasheet HTML 10Page - Analog Devices ADT7318ARQ Datasheet HTML 11Page - Analog Devices ADT7318ARQ Datasheet HTML 12Page - Analog Devices ADT7318ARQ Datasheet HTML 13Page - Analog Devices ADT7318ARQ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
–10–
REV. PrN
PRELIMINARY TECHNICAL DATA
ADT7316/7317/7318
CODE
1.0
0.5
-1.0
050
250
100
150
200
0
-0.5
TA =25 C
VDD =5V
TPC 1. ADT7318 Typical INL Plot
TPC 2. ADT7317 Typical INL Plot
TPC 3. ADT7316 Typical INL Plot
COD E
12
0
-4
-8
8
4
04000
1000
2000
3000
-12
TA =25 C
VDD =5V
CODE
3
0
200
1000
400
600
800
0
-1
-2
-3
2
1
TA =25 C
VDD =5V
CODE
0.4
-0.4
600
400
800
1000
0
-0.6
0.6
0.2
-0.2
T
A =25 C
VDD =5V
200
0
CODE
05 0
2 5
100
1 50
200
-0. 1
-0. 2
-0. 3
0. 3
0. 1
0. 2
0
T
A =2 5 C
V DD =5 V
TPC 4. ADT7318 Typical DNL Plot
TPC 5. ADT7317 Typical DNL Plot
TPC 6. ADT7316 Typical DNL Plot
V
REF -V
0.5
0.25
-0.5
01
5
23
4
0
-0.25
VDD =5V
TA =25 C
MA X INL
MA X DNL
M IN DNL
MIN INL
TEMPERATURE - C
0.5
0.2
-0.5
40
0
40
0
-0.2
VDD =5V
VREF =3V
MA X INL
80
120
-0.4
-0.3
-0.1
0.1
0.3
0.4
MA X DNL
MIN INL
M IN DNL
GA IN E RRO R
TEMPERATURE - C
1
0.5
-1
40
0
40
0
-0.5
VDD =5V
VREF =2V
O F FS ET ERRO R
80
120
TPC 7. ADT7318 INL and DNL
Error vs VREF
TPC 8. ADT7318 INL Error and DNL
Error vs Temperature
TPC 9. ADT7318 Offset Error and Gain
Error vs Temperature
CODE
0.5
2000
3000
4000
0
-1
1
-0.5
T
A =25 C
VDD =5V
1000
0


Similar Part No. - ADT7318ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7318ARQ AD-ADT7318ARQ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQ-REEL AD-ADT7318ARQ-REEL Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQ-REEL7 AD-ADT7318ARQ-REEL7 Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7318ARQZ-REEL AD-ADT7318ARQZ-REEL Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
More results

Similar Description - ADT7318ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Texas Instruments
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com