Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA213S Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDA213S
Description  Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA213S Datasheet(HTML) 2 Page - IXYS Corporation

  LDA213S Datasheet HTML 1Page - IXYS Corporation LDA213S Datasheet HTML 2Page - IXYS Corporation LDA213S Datasheet HTML 3Page - IXYS Corporation LDA213S Datasheet HTML 4Page - IXYS Corporation LDA213S Datasheet HTML 5Page - IXYS Corporation LDA213S Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R04
LDA213
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Breakdown Voltage
30
V
P
Reverse Input Voltage
5
V
Input Control Current
100
mA
Peak (10ms)
1
A
Power Dissipation
Input Power Dissipation 1
150
mW
Phototransistor 2
150
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33mW / °C
2 Derate linearly 2mW / °C
Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Breakdown Voltage
I
C = 100µA
BV
CEO
30
50
-
V
Phototransistor Dark Current
V
CEO = 5V, IF = 0mA
I
CEO
-
50
500
nA
Saturation Voltage
I
C = 3mA, IF = 1mA
V
CE(sat)
--
1
V
Current Transfer Ratio
I
F = 1mA, VCE = 2V
CTR
300
8500
30000
%
Output Capacitance
50V, f =1MHz
C
OUT
-3
-
pF
Input Characteristics
Input Control Current
I
C = 3mA, VCE = 2V
I
F
-
0.07
1
mA
Input Voltage Drop
I
F = 5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R = 5V
I
R
-
-
10
µA
Common Characteristics
Capacitance, Input to Output
-
C
I/O
-3
-
pF
Characteristic
Symbol
Test Condition
Typ
Units
Turn-On Time
t
on
V
CC=5V, IF=1mA, RL=500
8
s
Turn-Off Time
t
off
345
Switching Characteristics @ 25ºC
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=1%
I
F
10%
90%
t on
t off
V
CE


Similar Part No. - LDA213S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA210 CLARE-LDA210 Datasheet
70Kb / 5P
   Solid State Current Sensors
logo
IXYS Corporation
LDA210 IXYS-LDA210 Datasheet
118Kb / 6P
   Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA210S CLARE-LDA210S Datasheet
70Kb / 5P
   Solid State Current Sensors
logo
IXYS Corporation
LDA210S IXYS-LDA210S Datasheet
118Kb / 6P
   Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA210STR CLARE-LDA210STR Datasheet
70Kb / 5P
   Solid State Current Sensors
More results

Similar Description - LDA213S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDA211 IXYS-LDA211 Datasheet
118Kb / 6P
   Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
LDA201 IXYS-LDA201 Datasheet
120Kb / 6P
   Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA203 IXYS-LDA203 Datasheet
120Kb / 6P
   Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA212 IXYS-LDA212 Datasheet
118Kb / 6P
   Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA210 IXYS-LDA210 Datasheet
118Kb / 6P
   Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
   Optocoupler, Unidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
   Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA202 IXYS-LDA202 Datasheet
120Kb / 6P
   Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA200 IXYS-LDA200 Datasheet
120Kb / 6P
   Dual Optocouplers, Bidirectional Input Single-Transistor Output
logo
Siemens Semiconductor G...
IL766 SIEMENS-IL766 Datasheet
65Kb / 3P
   BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com