Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2165BS-100 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-2165BS-100
Description  DSP Microcomputers with ROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2165BS-100 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-2165BS-100 Datasheet HTML 6Page - Analog Devices ADSP-2165BS-100 Datasheet HTML 7Page - Analog Devices ADSP-2165BS-100 Datasheet HTML 8Page - Analog Devices ADSP-2165BS-100 Datasheet HTML 9Page - Analog Devices ADSP-2165BS-100 Datasheet HTML 10Page - Analog Devices ADSP-2165BS-100 Datasheet HTML 11Page - Analog Devices ADSP-2165BS-100 Datasheet HTML 12Page - Analog Devices ADSP-2165BS-100 Datasheet HTML 13Page - Analog Devices ADSP-2165BS-100 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
REV. 0
ADSP-216x
–10–
Exiting Power-Down
The power-down mode can be exited with the use of the
PWDFLAG or RESET pin. Applying a low-to-high transition to
the PWDFLAG pin takes the processor out of power-down
mode. In this case, a delay of 4096 cycles is automatically in-
duced by the processor. Also, depending on the status of the
power-up context reset bit (pucr), the processor either
1) continues to execute instructions following the IDLE instruc-
tion that caused the power-down. A RTI instruction is re-
quired to pass control back to the main routine (pucr = 0)
or
2) resumes operation from power-down by clearing the PC,
STATUS, LOOP and CNTR stack. The IMASK and
ASTAT registers are set to 0 and the SSTAT goes to 0x55.
The processor then starts executing instructions from the
address zero (pucr = 1).
In the case where the power-down mode is exited by asserting
the
RESET pin, the processor state is reset and instruction are
executed from address 0x0000. The
RESET pin in this case
must be held low long enough for the external crystal (if any)
and the on-chip PLL to stabilize and lock.
Low Power IDLE Instruction
The IDLE instruction places the ADSP-216x processor in low
power state in which it waits for an interrupt. When an interrupt
occurs, it is serviced and execution continues with instruction
following IDLE. Typically this next instruction will be a JUMP
back to the IDLE instruction. This implements a low power
standby loop.
The IDLE n instruction is a special version of IDLE that slows
the processor’s internal clock signal to further reduce power
consumption. The reduced clock frequency, a programmable
fraction of the normal clock rate, is specified by a selectable
divisor, n, given in the IDLE instruction. The syntax of the
instruction is:
IDLE n;
where n = 16, 32, 64 or 128.
The instruction leaves the chip in an idle state, operating at the
slower rate. While it is in this state, the processor’s other inter-
nal clock signals, such as SCLK, CLKOUT, and the timer
clock, are reduced by the same ratio. Upon receipt of an en-
abled interrupt, the processor will stay in the IDLE state for up
to a maximum of n CLKIN cycles, where n is the divisor speci-
fied in the instruction, before resuming normal operation.
When the IDLE n instruction is used, it slows the processor’s
internal clock and thus its response time to incoming interrupts–
the 1-cycle response time of the standard IDLE state is increased
by n, the clock divisor. When an enabled interrupt is received,
the ADSP-216x will remain in the IDLE state for up to a maxi-
mum of n CLKIN cycles (where n = 16, 32, 64 or 128) before
resuming normal operation.
When the IDLE n instruction is used in systems that have an
externally generated serial clock (SCLK), the serial clock rate
may be faster than the processor’s reduced internal clock rate.
Under these conditions, interrupts must not be generated at a
faster rate than can be serviced, due to the additional time the
processor takes to come out of the IDLE state (a maximum of n
CLKIN cycles).
ADSP-216x Prototyping
You can prototype your ADSP-216x system with either ADSP-
2101 or ADSP-2103 RAM-based processors. When code is fully
developed and debugged, it can be submitted to Analog Devices
for conversion into an ADSP-216x ROM product.
The ADSP-2101 EZ-ICE emulator can be used for development
of ADSP-216x systems. For the 3.3 V ADSP-2162/ADSP-2164
and ADSP-2166, a voltage converter interface board provides
3.3 V emulation.
Additional overlay memory is used for emulation of ADSP-
2161/ADSP-2162 systems. It should be noted that due to the
use of off-chip overlay memory to emulate the ADSP-2161/
ADSP-2162, a performance loss may be experienced when both
executing instructions and fetching program memory data from
the off-chip overlay memory in the same cycle. This can be
overcome by locating program memory data in on-chip memory.
Ordering Procedure for ADSP-216x ROM Processors
To place an order for a custom ROM-coded ADSP-2161,
ADSP-2162, ADSP-2163, ADSP-2164 , ADSP-2165 or ADSP-
2166 processor, you must:
1. Complete the following forms contained in the ADSP ROM
Ordering Package, available from your Analog Devices sales
representative:
ADSP-216x ROM Specification Form
ROM Release Agreement
ROM NRE Agreement & Minimum Quantity Order (MQO)
Acceptance Agreement for Preproduction ROM Products
2. Return the forms to Analog Devices along with two copies of the
Memory Image File (.EXE file) of your ROM code. The files must
be supplied on two 3.5" or 5.25" floppy disks for the IBM PC
(DOS 2.01 or higher).
3. Place a purchase order with Analog Devices for nonrecurring
engineering changes (NRE) associated with ROM product
development.
After this information is received, it is entered into Analog
Devices’ ROM Manager System which assigns a custom ROM
model number to the product. This model number will be
branded on all prototype and production units manufactured to
these specifications.
To minimize the risk of code being altered during this process,
Analog Devices verifies that the .EXE files on both floppy disks
are identical, and recalculates the checksums for the .EXE file
entered into the ROM Manager System. The checksum data, in
the form of a ROM Memory Map, a hard copy of the .EXE file,
and a ROM Data Verification form are returned to you for
inspection.
A signed ROM Verification Form and a purchase order for
production units are required prior to any product being manu-
factured. Prototype units may be applied toward the minimum
order quantity.
Upon completion of prototype manufacture, Analog Devices
will ship prototype units and a delivery schedule update for
production units. An invoice against your purchase order for the
NRE charges is issued at this time.
There is a charge for each ROM mask generated and a mini-
mum order quantity. Consult your sales representative for de-
tails. A separate order must be placed for parts of a specific
package type, temperature range, and speed grade.


Similar Part No. - ADSP-2165BS-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2165 AD-ADSP-2165 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2165 AD-ADSP-2165 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2165 AD-ADSP-2165 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2165 AD-ADSP-2165 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
More results

Similar Description - ADSP-2165BS-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-21MSP5859 AD-ADSP-21MSP5859 Datasheet
372Kb / 40P
   DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com