Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y7R8-80E Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUK7Y7R8-80E
Description  N-channel 80 V, 7.8 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y7R8-80E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK7Y7R8-80E Datasheet HTML 5Page - NXP Semiconductors BUK7Y7R8-80E Datasheet HTML 6Page - NXP Semiconductors BUK7Y7R8-80E Datasheet HTML 7Page - NXP Semiconductors BUK7Y7R8-80E Datasheet HTML 8Page - NXP Semiconductors BUK7Y7R8-80E Datasheet HTML 9Page - NXP Semiconductors BUK7Y7R8-80E Datasheet HTML 10Page - NXP Semiconductors BUK7Y7R8-80E Datasheet HTML 11Page - NXP Semiconductors BUK7Y7R8-80E Datasheet HTML 12Page - NXP Semiconductors BUK7Y7R8-80E Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
BUK7Y7R8-80E
N-channel 80 V, 7.8 mΩ standard level MOSFET in LFPAK56
BUK7Y7R8-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
10 / 13
11. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT669
MO-235
06-03-16
11-03-25
0
2.5
5 mm
scale
e
E1
b
c2
A2
A2
b
c
A
e
UNIT
DIMENSIONS (mm are the original dimensions)
mm
1.10
0.95
A3
A1
0.15
0.00
1.20
1.01
0.50
0.35
b2
4.41
3.62
b3
2.2
2.0
b4
0.9
0.7
0.25
0.19
c2
0.30
0.24
4.10
3.80
6.2
5.8
H
1.3
0.8
L2
0.85
0.40
L
1.3
0.8
L1
w
y
D(1)
5.0
4.8
E(1)
3.3
3.1
E1(1)
D1(1)
max
0.25
4.20
1.27
0.25 0.1
1
2
3
4
mounting
base
D1
c
Plastic single-ended surface-mounted package (LFPAK; Power-SO8); 4 leads
SOT669
E
b2
b3
b4
H
D
L2
L1
A
A
w M
C
C
X
1/2
e
y C
θ
θ
(A )
3
L
A
A1
detail X
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
Fig. 17. Package outline LFPAK; Power-SO8 (SOT669)


Similar Part No. - BUK7Y7R8-80E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7Y7R8-80E NEXPERIA-BUK7Y7R8-80E Datasheet
734Kb / 13P
   N-channel 80 V, 7.8 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y7R8-80E PHILIPS-BUK7Y7R8-80E_15 Datasheet
306Kb / 13P
   N-channel 80 V, 7.8 m廓 standard level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK7Y7R8-80E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y7R8-80E PHILIPS-BUK7Y7R8-80E_15 Datasheet
306Kb / 13P
   N-channel 80 V, 7.8 m廓 standard level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
BUK7Y7R8-80E NEXPERIA-BUK7Y7R8-80E Datasheet
734Kb / 13P
   N-channel 80 V, 7.8 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y14-80E NXP-BUK7Y14-80E Datasheet
350Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y9R9-80E NXP-BUK7Y9R9-80E Datasheet
294Kb / 13P
   N-channel 80 V, 9.9 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-80E NXP-BUK7Y25-80E Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y72-80E NXP-BUK7Y72-80E Datasheet
317Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-80E PHILIPS-BUK7Y25-80E_15 Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y14-80E PHILIPS-BUK7Y14-80E_15 Datasheet
351Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y72-80E PHILIPS-BUK7Y72-80E_15 Datasheet
326Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y41-80E PHILIPS-BUK7Y41-80E_15 Datasheet
353Kb / 13P
   N-channel 80 V, 41 m廓 standard level MOSFET in LFPAK56
8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com