Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y41-80E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7Y41-80E
Description  N-channel 80 V, 41 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y41-80E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7Y41-80E Datasheet HTML 3Page - NXP Semiconductors BUK7Y41-80E Datasheet HTML 4Page - NXP Semiconductors BUK7Y41-80E Datasheet HTML 5Page - NXP Semiconductors BUK7Y41-80E Datasheet HTML 6Page - NXP Semiconductors BUK7Y41-80E Datasheet HTML 7Page - NXP Semiconductors BUK7Y41-80E Datasheet HTML 8Page - NXP Semiconductors BUK7Y41-80E Datasheet HTML 9Page - NXP Semiconductors BUK7Y41-80E Datasheet HTML 10Page - NXP Semiconductors BUK7Y41-80E Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
BUK7Y41-80E
N-channel 80 V, 41 mΩ standard level MOSFET in LFPAK56
BUK7Y41-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
7 / 13
003aai602
0
0.75 1.5 2.25
3
3.75 4.5 5.25
6
0
4
8
12
16
20
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 8. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
003aah027
0
1
2
3
4
5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 9. Gate-source threshold voltage as a function of
junction temperature
003aah028
10-6
10-5
10-4
10-3
10-2
10-1
0
2
4
6
VGS(V)
ID
(A)
max
typ
min
Fig. 10. Sub-threshold drain current as a function of
gate-source voltage
003aai605
0
5
10
15
20
25
30
0
20
40
60
80
100
ID (A)
RDSon
RDSon
5 V
5 V
5.5 V
5.5 V
6 V
6 V
6.5 V
6.5 V
7 V
7 V
8 V
8 V
VGS = 10 V
VGS = 10 V
Tj = 25 °C; tp = 300 μs
Fig. 11. Drain-source on-state resistance as a function
of drain current; typical values


Similar Part No. - BUK7Y41-80E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7Y41-80E NEXPERIA-BUK7Y41-80E Datasheet
765Kb / 13P
   N-channel 80 V, 41 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y41-80E PHILIPS-BUK7Y41-80E_15 Datasheet
353Kb / 13P
   N-channel 80 V, 41 m廓 standard level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK7Y41-80E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y41-80E PHILIPS-BUK7Y41-80E_15 Datasheet
353Kb / 13P
   N-channel 80 V, 41 m廓 standard level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
PSMN041-80YL NEXPERIA-PSMN041-80YL Datasheet
774Kb / 13P
   N-channel 80 V 41 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
PSMN041-80YL PHILIPS-PSMN041-80YL_15 Datasheet
360Kb / 13P
   N-channel 80 V 41 m廓 logic level MOSFET in LFPAK56
1 May 2013
logo
Nexperia B.V. All right...
BUK7Y41-80E NEXPERIA-BUK7Y41-80E Datasheet
765Kb / 13P
   N-channel 80 V, 41 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y7R8-80E NXP-BUK7Y7R8-80E Datasheet
298Kb / 13P
   N-channel 80 V, 7.8 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y14-80E NXP-BUK7Y14-80E Datasheet
350Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y9R9-80E NXP-BUK7Y9R9-80E Datasheet
294Kb / 13P
   N-channel 80 V, 9.9 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-80E NXP-BUK7Y25-80E Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y72-80E NXP-BUK7Y72-80E Datasheet
317Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-80E PHILIPS-BUK7Y25-80E_15 Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com