Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y65-100E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK7Y65-100E
Description  N-channel 100 V, 65 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y65-100E Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK7Y65-100E Datasheet HTML 1Page - NXP Semiconductors BUK7Y65-100E Datasheet HTML 2Page - NXP Semiconductors BUK7Y65-100E Datasheet HTML 3Page - NXP Semiconductors BUK7Y65-100E Datasheet HTML 4Page - NXP Semiconductors BUK7Y65-100E Datasheet HTML 5Page - NXP Semiconductors BUK7Y65-100E Datasheet HTML 6Page - NXP Semiconductors BUK7Y65-100E Datasheet HTML 7Page - NXP Semiconductors BUK7Y65-100E Datasheet HTML 8Page - NXP Semiconductors BUK7Y65-100E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
BUK7Y65-100E
N-channel 100 V, 65 mΩ standard level MOSFET in LFPAK56
BUK7Y65-100E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
4 / 13
003aai671
10-2
10-1
1
10
102
10-3
10-2
10-1
1
10
tAL(ms)
IAL
(A)
(1)
(2)
(3)
Fig. 3. Avalanche rating; avalanche current as a function of avalanche time
003aaj807
1
10
102
103
10-2
10-1
1
10
102
VDS (V)
ID
ID
(A)
(A)
DC
DC
100 ms
100 ms
10 ms
10 ms
1 ms
1 ms
100 us
100 us
tp = 10 us
tp = 10 us
Limit RDSon = VDS / ID
Limit RDSon = VDS / ID
Fig. 4. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 5
-
-
2.31
K/W


Similar Part No. - BUK7Y65-100E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7Y65-100E NEXPERIA-BUK7Y65-100E Datasheet
743Kb / 13P
   N-channel 100 V, 65 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y65-100E PHILIPS-BUK7Y65-100E_15 Datasheet
321Kb / 13P
   N-channel 100 V, 65 m廓 standard level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK7Y65-100E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y65-100E PHILIPS-BUK7Y65-100E_15 Datasheet
321Kb / 13P
   N-channel 100 V, 65 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK9Y65-100E PHILIPS-BUK9Y65-100E_15 Datasheet
307Kb / 13P
   N-channel 100 V, 65 m廓 logic level MOSFET in LFPAK56
9 May 2013
BUK9Y65-100E NXP-BUK9Y65-100E Datasheet
307Kb / 13P
   N-channel 100 V, 65 m廓 logic level MOSFET in LFPAK56
20 February 2013
PSMN013-100YSE PHILIPS-PSMN013-100YSE_15 Datasheet
291Kb / 13P
   N-channel 100 V 13 m廓 standard level MOSFET in LFPAK56
18 December 2012
BUK7Y153-100E NXP-BUK7Y153-100E Datasheet
319Kb / 13P
   N-channel 100 V, 153 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y19-100E NEXPERIA-BUK7Y19-100E Datasheet
730Kb / 13P
   N-channel 100 V, 19 m廓 standard level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK7Y113-100E NXP-BUK7Y113-100E Datasheet
294Kb / 13P
   N-channel 100 V, 113 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y38-100E PHILIPS-BUK7Y38-100E_15 Datasheet
352Kb / 13P
   N-channel 100 V, 38 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y12-100E NXP-BUK7Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y15-100E NXP-BUK7Y15-100E Datasheet
322Kb / 13P
   N-channel 100 V, 15 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com