Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y153-100E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK7Y153-100E
Description  N-channel 100 V, 153 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y153-100E Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK7Y153-100E Datasheet HTML 1Page - NXP Semiconductors BUK7Y153-100E Datasheet HTML 2Page - NXP Semiconductors BUK7Y153-100E Datasheet HTML 3Page - NXP Semiconductors BUK7Y153-100E Datasheet HTML 4Page - NXP Semiconductors BUK7Y153-100E Datasheet HTML 5Page - NXP Semiconductors BUK7Y153-100E Datasheet HTML 6Page - NXP Semiconductors BUK7Y153-100E Datasheet HTML 7Page - NXP Semiconductors BUK7Y153-100E Datasheet HTML 8Page - NXP Semiconductors BUK7Y153-100E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BUK7Y153-100E
N-channel 100 V, 153 mΩ standard level MOSFET in LFPAK56
20 February 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Standard level N-channel MOSFET in an LFPAK56 (Power SO8) package using
TrenchMOS technology. This product has been designed and qualified to AEC Q101
standard for use in high performance automotive applications.
2. Features and benefits
Q101 compliant
Repetitive avalanche rated
Suitable for thermally demanding environments due to 175 °C rating
True standard level gate with VGS(th) rating of greater than 1 V at 175 °C
3. Applications
12 V, 24 V and 48 V Automotive systems
Motors, lamps and solenoid control
Transmission control
Ultra high performance power switching
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
VGS = 10 V; Tmb = 25 °C; Fig. 1
-
-
9.4
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
37.3
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 2 A; Tj = 25 °C; Fig. 11
-
104
153
Dynamic characteristics
QGD
gate-drain charge
VGS = 10 V; ID = 2 A; VDS = 80 V;
Tj = 25 °C; Fig. 13; Fig. 14
-
3.8
-
nC


Similar Part No. - BUK7Y153-100E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7Y153-100E NEXPERIA-BUK7Y153-100E Datasheet
741Kb / 13P
   N-channel 100 V, 153 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK7Y153-100E PHILIPS-BUK7Y153-100E_15 Datasheet
319Kb / 13P
   N-channel 100 V, 153 m廓 standard level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK7Y153-100E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y153-100E PHILIPS-BUK7Y153-100E_15 Datasheet
319Kb / 13P
   N-channel 100 V, 153 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK9Y153-100E NXP-BUK9Y153-100E Datasheet
668Kb / 13P
   N-channel 100 V, 153 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y153-100E NEXPERIA-BUK7Y153-100E Datasheet
741Kb / 13P
   N-channel 100 V, 153 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK9Y153-100E PHILIPS-BUK9Y153-100E_15 Datasheet
660Kb / 13P
   N-channel 100 V, 153 m logic level MOSFET in LFPAK56
27 June 2014
PSMN013-100YSE PHILIPS-PSMN013-100YSE_15 Datasheet
291Kb / 13P
   N-channel 100 V 13 m廓 standard level MOSFET in LFPAK56
18 December 2012
logo
Nexperia B.V. All right...
BUK7Y19-100E NEXPERIA-BUK7Y19-100E Datasheet
730Kb / 13P
   N-channel 100 V, 19 m廓 standard level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK7Y113-100E NXP-BUK7Y113-100E Datasheet
294Kb / 13P
   N-channel 100 V, 113 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y38-100E PHILIPS-BUK7Y38-100E_15 Datasheet
352Kb / 13P
   N-channel 100 V, 38 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y12-100E NXP-BUK7Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y15-100E NXP-BUK7Y15-100E Datasheet
322Kb / 13P
   N-channel 100 V, 15 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com