Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y4R4-40E Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUK9Y4R4-40E
Description  N-channel 40 V, 4.4 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y4R4-40E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK9Y4R4-40E Datasheet HTML 5Page - NXP Semiconductors BUK9Y4R4-40E Datasheet HTML 6Page - NXP Semiconductors BUK9Y4R4-40E Datasheet HTML 7Page - NXP Semiconductors BUK9Y4R4-40E Datasheet HTML 8Page - NXP Semiconductors BUK9Y4R4-40E Datasheet HTML 9Page - NXP Semiconductors BUK9Y4R4-40E Datasheet HTML 10Page - NXP Semiconductors BUK9Y4R4-40E Datasheet HTML 11Page - NXP Semiconductors BUK9Y4R4-40E Datasheet HTML 12Page - NXP Semiconductors BUK9Y4R4-40E Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
BUK9Y4R4-40E
N-channel 40 V, 4.4 mΩ logic level MOSFET in LFPAK56
BUK9Y4R4-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
10 / 13
11. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT669
MO-235
06-03-16
11-03-25
0
2.5
5 mm
scale
e
E1
b
c2
A2
A2
b
c
A
e
UNIT
DIMENSIONS (mm are the original dimensions)
mm
1.10
0.95
A3
A1
0.15
0.00
1.20
1.01
0.50
0.35
b2
4.41
3.62
b3
2.2
2.0
b4
0.9
0.7
0.25
0.19
c2
0.30
0.24
4.10
3.80
6.2
5.8
H
1.3
0.8
L2
0.85
0.40
L
1.3
0.8
L1
w
y
D(1)
5.0
4.8
E(1)
3.3
3.1
E1(1)
D1(1)
max
0.25
4.20
1.27
0.25 0.1
1
2
3
4
mounting
base
D1
c
Plastic single-ended surface-mounted package (LFPAK; Power-SO8); 4 leads
SOT669
E
b2
b3
b4
H
D
L2
L1
A
A
w M
C
C
X
1/2
e
y C
θ
θ
(A )
3
L
A
A1
detail X
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
Fig. 17. Package outline LFPAK; Power-SO8 (SOT669)


Similar Part No. - BUK9Y4R4-40E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9Y4R4-40E NEXPERIA-BUK9Y4R4-40E Datasheet
733Kb / 13P
   N-channel 40 V, 4.4 mΩ logic level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK9Y4R4-40E PHILIPS-BUK9Y4R4-40E_15 Datasheet
305Kb / 13P
   N-channel 40 V, 4.4 m廓 logic level MOSFET in LFPAK56
7 May 2013
More results

Similar Description - BUK9Y4R4-40E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y4R4-40E PHILIPS-BUK9Y4R4-40E_15 Datasheet
305Kb / 13P
   N-channel 40 V, 4.4 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK7Y4R4-40E PHILIPS-BUK7Y4R4-40E_15 Datasheet
302Kb / 13P
   N-channel 40 V, 4.4 m廓 standard level MOSFET in LFPAK56
7 May 2013
BUK7Y4R4-40E NXP-BUK7Y4R4-40E Datasheet
294Kb / 13P
   N-channel 40 V, 4.4 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y4R4-40E NEXPERIA-BUK9Y4R4-40E Datasheet
733Kb / 13P
   N-channel 40 V, 4.4 mΩ logic level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK9Y29-40E NXP-BUK9Y29-40E Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y12-40E NXP-BUK9Y12-40E Datasheet
326Kb / 13P
   N-channel 40 V, 12 m廓 logic level MOSFET in LFPAK56
14 February 2013
BUK9Y29-40E PHILIPS-BUK9Y29-40E_15 Datasheet
319Kb / 13P
   N-channel 40 V, 29 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y7R6-40E PHILIPS-BUK9Y7R6-40E_15 Datasheet
358Kb / 13P
   N-channel 40 V, 7.6 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y21-40E PHILIPS-BUK9Y21-40E_15 Datasheet
301Kb / 13P
   N-channel 40 V, 21 m廓 logic level MOSFET in LFPAK56
7 May 2013
BUK9Y7R6-40E NXP-BUK9Y7R6-40E Datasheet
358Kb / 13P
   N-channel 40 V, 7.6 m廓 logic level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com