Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y14-80E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK9Y14-80E
Description  N-channel 80 V,15 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y14-80E Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK9Y14-80E Datasheet HTML 1Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 2Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 3Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 4Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 5Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 6Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 7Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 8Page - NXP Semiconductors BUK9Y14-80E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
BUK9Y14-80E
N-channel 80 V,15 mΩ logic level MOSFET in LFPAK56
BUK9Y14-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
4 / 13
003aai791
10-3
10-2
10-1
1
10
10-1
1
10
102
tAL (ms)
IAL
IAL
(A)
(A)
(1)
(1)
(2)
(2)
(3)
(3)
Fig. 3. Avalanche rating; avalanche current as a function of avalanche time
003aai792
1
10
102
103
10-2
10-1
1
10
102
103
VDS (V)
ID
ID
(A)
(A)
DC
DC
100 ms
100 ms
10 ms
10 ms
1 ms
1 ms
100 us
100 us
tp = 10 us
tp = 10 us
Limit RDSon = VDS / ID
Limit RDSon = VDS / ID
Fig. 4. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 5
-
-
1.02
K/W


Similar Part No. - BUK9Y14-80E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9Y14-80E NEXPERIA-BUK9Y14-80E Datasheet
763Kb / 13P
   N-channel 80 V,15 mΩ logic level MOSFET in LFPAK56
11 November 2014
More results

Similar Description - BUK9Y14-80E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y107-80E PHILIPS-BUK9Y107-80E_15 Datasheet
320Kb / 13P
   N-channel 80 V, 107 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y8R5-80E NXP-BUK9Y8R5-80E Datasheet
319Kb / 13P
   N-channel 80 V, 8.5 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y11-80E NXP-BUK9Y11-80E Datasheet
322Kb / 13P
   N-channel 80 V, 11 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y41-80E NXP-BUK9Y41-80E Datasheet
355Kb / 13P
   N-channel 80 V, 45 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN014-80YL NEXPERIA-PSMN014-80YL Datasheet
764Kb / 13P
   N-channel 80 V, 14 m廓 logic level MOSFET in LFPAK56
PSMN8R0-80YL NEXPERIA-PSMN8R0-80YL Datasheet
738Kb / 12P
   N-channel 80 V, 8 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y25-80E PHILIPS-BUK9Y25-80E_15 Datasheet
357Kb / 13P
   N-channel 80 V, 27 m廓 logic level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
PSMN025-80YL NEXPERIA-PSMN025-80YL Datasheet
768Kb / 13P
   N-channel 80 V, 25 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y107-80E NXP-BUK9Y107-80E Datasheet
320Kb / 13P
   N-channel 80 V, 107 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y11-80E PHILIPS-BUK9Y11-80E_15 Datasheet
323Kb / 13P
   N-channel 80 V, 11 m廓 logic level MOSFET in LFPAK56
8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com