Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y41-80E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9Y41-80E
Description  N-channel 80 V, 45 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9Y41-80E Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9Y41-80E Datasheet HTML 2Page - NXP Semiconductors BUK9Y41-80E Datasheet HTML 3Page - NXP Semiconductors BUK9Y41-80E Datasheet HTML 4Page - NXP Semiconductors BUK9Y41-80E Datasheet HTML 5Page - NXP Semiconductors BUK9Y41-80E Datasheet HTML 6Page - NXP Semiconductors BUK9Y41-80E Datasheet HTML 7Page - NXP Semiconductors BUK9Y41-80E Datasheet HTML 8Page - NXP Semiconductors BUK9Y41-80E Datasheet HTML 9Page - NXP Semiconductors BUK9Y41-80E Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK9Y41-80E
N-channel 80 V, 45 mΩ logic level MOSFET in LFPAK56
BUK9Y41-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
20 February 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
QGD
gate-drain charge
-
4.3
-
nC
Ciss
input capacitance
-
1180
1570
pF
Coss
output capacitance
-
99
119
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
54
74
pF
td(on)
turn-on delay time
-
8.6
-
ns
tr
rise time
-
11.2
-
ns
td(off)
turn-off delay time
-
16.1
-
ns
tf
fall time
VDS = 60 V; RL = 10 Ω; VGS = 5 V;
RG(ext) = 5 Ω; Tj = 25 °C
-
10.5
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 5 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.8
1.2
V
trr
reverse recovery time
-
21.3
-
ns
Qr
recovered charge
IS = 5 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V; Tj = 25 °C
-
22
-
nC
003aaj099
0
1
2
3
4
0
10
20
30
40
50
VDS (V)
ID
ID
(A)
(A)
2.4 V
2.4 V
2.6 V
2.6 V
2.8 V
2.8 V
VGS = 3 V
VGS = 3 V
3.5 V
3.5 V
4.5 V
4.5 V
10 V
10 V
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aaj100
0
2
4
6
8
10
0
20
40
60
80
100
VGS (V)
RDSon
RDSon
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - BUK9Y41-80E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9Y41-80E NEXPERIA-BUK9Y41-80E Datasheet
767Kb / 13P
   N-channel 80 V, 45 mΩ logic level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK9Y41-80E PHILIPS-BUK9Y41-80E_15 Datasheet
355Kb / 13P
   N-channel 80 V, 45 m廓 logic level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK9Y41-80E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y41-80E PHILIPS-BUK9Y41-80E_15 Datasheet
355Kb / 13P
   N-channel 80 V, 45 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y107-80E PHILIPS-BUK9Y107-80E_15 Datasheet
320Kb / 13P
   N-channel 80 V, 107 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y8R5-80E NXP-BUK9Y8R5-80E Datasheet
319Kb / 13P
   N-channel 80 V, 8.5 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y11-80E NXP-BUK9Y11-80E Datasheet
322Kb / 13P
   N-channel 80 V, 11 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN014-80YL NEXPERIA-PSMN014-80YL Datasheet
764Kb / 13P
   N-channel 80 V, 14 m廓 logic level MOSFET in LFPAK56
PSMN8R0-80YL NEXPERIA-PSMN8R0-80YL Datasheet
738Kb / 12P
   N-channel 80 V, 8 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y25-80E PHILIPS-BUK9Y25-80E_15 Datasheet
357Kb / 13P
   N-channel 80 V, 27 m廓 logic level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
PSMN025-80YL NEXPERIA-PSMN025-80YL Datasheet
768Kb / 13P
   N-channel 80 V, 25 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y107-80E NXP-BUK9Y107-80E Datasheet
320Kb / 13P
   N-channel 80 V, 107 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y14-80E NXP-BUK9Y14-80E Datasheet
352Kb / 13P
   N-channel 80 V,15 m廓 logic level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com