Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7150LS220 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7150LS220
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS220 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7150LS220 Datasheet HTML 3Page - Analog Devices ADV7150LS220 Datasheet HTML 4Page - Analog Devices ADV7150LS220 Datasheet HTML 5Page - Analog Devices ADV7150LS220 Datasheet HTML 6Page - Analog Devices ADV7150LS220 Datasheet HTML 7Page - Analog Devices ADV7150LS220 Datasheet HTML 8Page - Analog Devices ADV7150LS220 Datasheet HTML 9Page - Analog Devices ADV7150LS220 Datasheet HTML 10Page - Analog Devices ADV7150LS220 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADV7150
–7–
REV. A
t
12
CLOCK
PRGCKOUT
(CLOCK/4)
PRGCKOUT
(CLOCK/8)
PRGCKOUT
(CLOCK/16)
PRGCKOUT
(CLOCK/32)
Figure 8. Pixel Clock Input vs. Programmable Clock Output (PRGCKOUT)
SCKIN
END OF SCAN LINE (N)
t
13
SCKOUT
START OF SCAN LINE (N+1)
BLANKING
PERIOD
t
15
t
14
BLANK
Figure 9. Video Data Shift Clock Input (SCKIN) & BLANK vs. Video Data Shift Clock Output (SCKOUT)
CLOCK
t
16
ANALOG
OUTPUTS
t
17
t
18
10 %
50 %
90 %
FULL-SCALE
TRANSITION
WHITE LEVEL
BLACK LEVEL
IOR, IOR
IOG, IOG
IOB, IOB
IPLL, SYNCOUT
NOTE:
THIS DIAGRAM IS NOT TO SCALE. FOR THE PURPOSES OF
CLARITY, THE ANALOG OUTPUT WAVEFORM IS MAGNIFIED IN
TIME AND AMPLITUDE W.R.T THE CLOCK WAVEFORM.
IPLL AND SYNCOUT ARE DIGITAL VIDEO OUTPUT SIGNALS.
t
16 IS THE ONLY RELEVENT OUTPUT TIMING SPECIFICATION
FOR I
PLL AND SYNCOUT.
Figure 10. Analog Output Response vs. CLOCK


Similar Part No. - ADV7150LS220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS110 AD-ADV7151LS110 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS135 AD-ADV7151LS135 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS170 AD-ADV7151LS170 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151LS220 AD-ADV7151LS220 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
More results

Similar Description - ADV7150LS220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
logo
Texas Instruments
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com