Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMD80S Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # KMD80S
Description  SCHOTTKY BARRIER BRIDGE RECTIFIER VOLTAGE RANGE 80 TO 20 0 V olts CURRENT 1.0 Ampere
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

KMD80S Datasheet(HTML) 3 Page - Rectron Semiconductor

  KMD80S Datasheet HTML 1Page - Rectron Semiconductor KMD80S Datasheet HTML 2Page - Rectron Semiconductor KMD80S Datasheet HTML 3Page - Rectron Semiconductor KMD80S Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Marking Description
K8
V Y W W
Rectron Logo
Part No.
Year – code
(Y:Last digit of year &
A:2010,B:2011… )
Week – code
(WW:01~52)
Voltage-code
8-------80V
UL Logo
15-------150V
10-------100V
20-------200V


Similar Part No. - KMD80S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KMD15-1212 TDK-KMD15-1212 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1212 TDK-KMD15-1212 Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1515 TDK-KMD15-1515 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-1515 TDK-KMD15-1515 Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMD15-55 TDK-KMD15-55 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
More results

Similar Description - KMD80S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
KMD20S RECTRON-KMD20S Datasheet
577Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER VOLTAGE RANGE 20 TO 60 Volts CURRENT 1.0 Ampere
SR120 RECTRON-SR120 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
1N17 RECTRON-1N17_06 Datasheet
262Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
1S20 RECTRON-1S20_V01 Datasheet
87Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
2009-10 REV:A
SR120 RECTRON-SR120_02 Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
1N5817 WINGS-1N5817 Datasheet
244Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
SA4-15 WINGS-SA4-15 Datasheet
249Kb / 2P
   VOLTAGE RANGE - 20 to 80 Volts CURRENT - 1.0 Ampere
logo
Rectron Semiconductor
FM180B RECTRON-FM180B Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 80 to 100 Volts CURRENT 1.0 Ampere
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com