Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7177KS Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7177KS
Description  Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7177KS Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7177KS Datasheet HTML 2Page - Analog Devices ADV7177KS Datasheet HTML 3Page - Analog Devices ADV7177KS Datasheet HTML 4Page - Analog Devices ADV7177KS Datasheet HTML 5Page - Analog Devices ADV7177KS Datasheet HTML 6Page - Analog Devices ADV7177KS Datasheet HTML 7Page - Analog Devices ADV7177KS Datasheet HTML 8Page - Analog Devices ADV7177KS Datasheet HTML 9Page - Analog Devices ADV7177KS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ADV7177/ADV7178
–6–
REV. 0
5 V TIMING SPECIFICATIONS
(VAA = 4.75 V – 5.25 V
1, V
REF = 1.235 V, RSET = 300
. All specifications TMIN to TMAX
2 unless
otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Units
MPU PORT
3, 4
SCLOCK Frequency
0
100
kHz
SCLOCK High Pulsewidth, t1
4.0
µs
SCLOCK Low Pulsewidth, t2
4.7
µs
Hold Time (Start Condition), t3
After This Period the First Clock Is Generated
4.0
µs
Setup Time (Start Condition), t4
Relevant for Repeated Start Condition
4.7
µs
Data Setup Time, t5
250
ns
SDATA, SCLOCK Rise Time, t6
1
µs
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
4.7
µs
ANALOG OUTPUTS
3, 5
Analog Output Delay
5ns
DAC Analog Output Skew
0
ns
CLOCK CONTROL
AND PIXEL PORT
3, 6
fCLOCK
27
MHz
Clock High Time, t9
8ns
Clock Low Time, t10
8ns
Data Setup Time, t11
3.5
ns
Data Hold Time, t12
4ns
Control Setup Time, t11
4ns
Control Hold Time, t12
3ns
Digital Output Access Time, t13
24
ns
Digital Output Hold Time, t14
4ns
Pipeline Delay, t15
37
Clock Cycles
RESET CONTROL
3, 4
RESET Low Time
6
ns
INTERNAL CLOCK CONTROL
Clock/2 Rise Time, t16
7ns
Clock/2 Fall Time, t17
7ns
OSD TIMING
4
OSD Setup Time, t18
6ns
OSD Hold Time, t19
2ns
NOTES
1The max/min specifications are guaranteed over this range.
2Temperature range T
MIN to TMAX: 0°C to +70°C.
3TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. Analog output load
≤ 10 pF.
4Guaranteed by characterization.
5Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition.
6Pixel Port consists of the following:
Pixel Inputs:
P15–P0
Pixel Controls:
HSYNC, FIELD/VSYNC, BLANK
Clock Input:
CLOCK
Specifications subject to change without notice.


Similar Part No. - ADV7177KS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results

Similar Description - ADV7177KS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. B
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com