Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7190KST Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7190KST
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7190KST Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7190KST Datasheet HTML 5Page - Analog Devices ADV7190KST Datasheet HTML 6Page - Analog Devices ADV7190KST Datasheet HTML 7Page - Analog Devices ADV7190KST Datasheet HTML 8Page - Analog Devices ADV7190KST Datasheet HTML 9Page - Analog Devices ADV7190KST Datasheet HTML 10Page - Analog Devices ADV7190KST Datasheet HTML 11Page - Analog Devices ADV7190KST Datasheet HTML 12Page - Analog Devices ADV7190KST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
ADV7190/ADV7191
–9–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Voltage on Any Digital Input Pin . . . . GND – 0.5 V to VAA + 0.5 V
Storage Temperature (TS) . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . 150
°C
Body Temperature (Soldering, 10 secs) . . . . . . . . . . . . 220
°C
Analog Outputs to GND
2
. . . . . . . . . . . . GND – 0.5 to VAA
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Analog Output Short Circuit to any Power Supply or Common can be of an
indefinite duration.
PACKAGE THERMAL PERFORMANCE
The 64-lead package is used for this device. The junction-to-
ambient (
θ
JA) thermal resistance in still air on a four-layer PCB
is 38
°C/W.
To reduce power consumption when using this part the user
can run the part on a 3.3 V supply, turn off any unused DACs.
The user must at all times stay below the maximum junction
temperature of 110
°C. The following equation shows how to
calculate this junction temperature:
Junction Temperature = (VAA
× (IDAC + ICCT)) × θJA + 70°C TAMB
IDAC = 10 mA + (sum of the average currents consumed by
each powered-on DAC)
Average current consumed by each powered-on DAC =
(VREF
× K )/R
SET
VREF = 1.235 V
K = 4.2146
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7190KST
0
°C to 70°C
64-Lead Quad Flatpack
ST-64
ADV7191KST
0
°C to 70°C
64-Lead Quad Flatpack
ST-64
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADV7190/ADV7191 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precau-
tions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60
55 54 53 52 51 50 49
59 58 57 56
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
ADV7190/ADV7191
LQFP
NC = NO CONNECT
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
P13
P14
P15
RSET1
VREF
COMP 1
DAC A
DAC B
VAA
AGND
DAC C
DAC D
AGND
VAA
DAC E
DAC F
COMP 2
RSET2
AGND


Similar Part No. - ADV7190KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7190KST AD-ADV7190KST Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
More results

Similar Description - ADV7190KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7344 AD-ADV7344_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. B
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. 0
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com