Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7194 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7194
Description  Professional Extended-10??Video Encoder with 54 MHz Oversampling
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7194 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7194 Datasheet HTML 4Page - Analog Devices ADV7194 Datasheet HTML 5Page - Analog Devices ADV7194 Datasheet HTML 6Page - Analog Devices ADV7194 Datasheet HTML 7Page - Analog Devices ADV7194 Datasheet HTML 8Page - Analog Devices ADV7194 Datasheet HTML 9Page - Analog Devices ADV7194 Datasheet HTML 10Page - Analog Devices ADV7194 Datasheet HTML 11Page - Analog Devices ADV7194 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
ADV7194
–8–
REV. 0
t3
t2
t6
t1
t7
t5
t3
t4
t8
SDA
SCL
Figure 1. MPU Port Timing Diagram
t9
t11
CLOCK
PIXEL INPUT
DATA
t10
t12
HSYNC,
VSYNC,
BLANK
Cb
Y
Cr
Y
Cb
Y
HSYNC,
VSYNC,
BLANK,
CSO_HSO,
VSO, CLAMP
t13
t14
CONTROL
I/PS
CONTROL
O/PS
Figure 2. Pixel and Control Data Timing Diagram
t16
t17
t18
TTXREQ
CLOCK
TTX
4 CLOCK
CYCLES
4 CLOCK
CYCLES
4 CLOCK
CYCLES
3 CLOCK
CYCLES
4 CLOCK
CYCLES
Figure 3. Teletext Timing Diagram
t9
t10
t12
Y0
Y1
Y2
Y3
Y4
Y5
Cb0
Cb1
Cb2
Cb3
Cb4
Cb5
Cr0
Cr1
Cr2
Cr3
Cr4
Cr5
t11
CLOCK
Y0 – Y9
INCLUDING
SYNC INFORMATION
Cb0 – Cb9
Cr0 – Cr9
PROGRESSIVE
SCAN INPUT
Figure 4. Progressive Scan Input Timing


Similar Part No. - ADV7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7194 AD-ADV7194 Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
More results

Similar Description - ADV7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
logo
Faraday Technology
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
   Video Oversampling Filters
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com