Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7196AKS Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7196AKS
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7196AKS Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7196AKS Datasheet HTML 5Page - Analog Devices ADV7196AKS Datasheet HTML 6Page - Analog Devices ADV7196AKS Datasheet HTML 7Page - Analog Devices ADV7196AKS Datasheet HTML 8Page - Analog Devices ADV7196AKS Datasheet HTML 9Page - Analog Devices ADV7196AKS Datasheet HTML 10Page - Analog Devices ADV7196AKS Datasheet HTML 11Page - Analog Devices ADV7196AKS Datasheet HTML 12Page - Analog Devices ADV7196AKS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
REV. 0
ADV7196A
–9–
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Input/Output
Function
1, 12
VDD
P
Digital Power Supply
2–11
Y0–Y9
I
10-Bit Progressive Scan/HDTV Input Port for Y Data. Input for G data when
RGB data is input.
13, 52
GND
G
Digital Ground
14–23
Cr0–Cr9
I
1
0-Bit Progressive Scan/HDTV Input Port for Color Data in 4:4:4 Input Mode.
In 4:2:2 mode this input port is not used. Input port for R data when RGB data
is input.
24, 35
VAA
P
Analog Power Supply
25
CLKIN
I
Pixel Clock Input. Requires a 27 MHz reference clock for standard operation in
Progressive Scan Mode or a 74.25 MHz (74.1758 MHz) reference clock in
HDTV mode.
26, 33
AGND
G
Analog Ground
27
DV
I
Video Blanking Control Signal Input
28
VSYNC/
I
VSYNC, Vertical Sync Control Signal Input or TSYNC Input Control Signal in
TSYNC
Async Timing Mode
29
HSYNC/
I
HSYNC, Horizontal Sync Control Signal Input or SYNC Input Control Signal in
SYNC
Async Timing Mode
30
SCL
I
MPU Port Serial Interface Clock Input
31
SDA
I/O
MPU Port Serial Data Input/Output
32
DAC C
O
Color Component Analog Output of Input Data on Cb/Cr9–0 Input Pins
34
DAC A
O
Y Analog Output
36
DAC B
O
Color Component Analog Output of Input Data on Cr9–Cr0 Input Pins
37
COMP
O
Compensation Pin for DACs. Connect 0.1
µF capacitor from COMP pin to V
AA.
38
RSET
I
A 2470
Ω resistor (for input ranges 64–940 and 64–960; output standards
EIA-770.1–EIA-770.3) must be connected from this pin to ground and is used to
control the amplitudes of the DAC outputs. For input ranges 0–1023 (output
standards RS-170, RS-343A) the RSET value must be 2820
Ω.
39
VREF
I/O
Optional External Voltage Reference Input for DACs or Voltage Reference
Output (1.235 V)
40
RESET
I
This input resets the on-chip timing generator and sets the ADV7196A into
Default Register setting. Reset is an active low signal.
41
ALSB
I
TTL Address Input. This signal sets up the LSB of the MPU address. When this
pin is tied high, the I
2C filter is activated which reduces noise on the I2C interface.
When this pin is tied low, the input bandwidth on the I
2C interface is increased.
42–51
Cb/Cr9–0
I
1
0-Bit Progressive Scan/HDTV Input Port for Color Data. In 4:2:2 mode the
multiplexed CrCb data must be input on these pins. Input port for B data when
RGB is input.


Similar Part No. - ADV7196AKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results

Similar Description - ADV7196AKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com