Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R0J226M Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # C3225X5R0J226M
Description  3A, 2MHz, Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J226M Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button C3225X5R0J226M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 12Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 13Page - Richtek Technology Corporation C3225X5R0J226M Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RT8015B
10
DS8015B-04
March 2011
www.richtek.com
The output ripple is highest at maximum input voltage
since
ΔIL increases with input voltage. Multiple capacitors
placed in parallel may be needed to meet the ESR and
RMS current handling requirements. Dry tantalum, special
polymer, aluminum electrolytic and ceramic capacitors are
all available in surface mount packages. Special polymer
capacitors offer very low ESR but have lower capacitance
density than other types. Tantalum capacitors have the
highest capacitance density but it is important to only
use types that have been surge tested for use in switching
power supplies. Aluminum electrolytic capacitors have
significantly higher ESR but can be used in cost sensitive
1
V
V
V
V
I
I
OUT
IN
IN
OUT
OUT(MAX)
RMS
=
⎥⎦
⎢⎣
+
Δ
Δ
OUT
L
OUT
8fC
1
ESR
I
V
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or mollypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value but it is very dependent on the
inductance selected. As the inductance increases, core
losses decrease. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core losses and are preferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates
“hard”, which means that
inductance collapses abruptly when the peak design
current is exceeded.
This result in an abrupt increase in inductor ripple current
and consequent output voltage ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
Δ
×
=
IN(MAX)
OUT
L(MAX)
OUT
V
V
1
I
f
V
L
Having a lower ripple current reduces the ESR losses in
the output capacitors and the output voltage ripple. Highest
efficiency operation is achieved at low frequency with small
ripple current. This, however, requires a large inductor. A
reasonable starting point for selecting the ripple current
is
ΔI = 0.4(IMAX). The largest ripple current occurs at the
highest VIN. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation :
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current
ΔIL increases with higher VIN and decreases
with higher inductance.
⎥⎦
⎢⎣
⎡ −
⎥⎦
⎢⎣
×
=
Δ
IN
OUT
OUT
L
V
V
1
L
f
V
I
small and don't radiate energy but generally cost more
than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price vs. size requirements and
any radiated field/EMI requirements.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the top MOSFET. To
prevent large ripple voltage, a low ESR input capacitor
sized for the maximum RMS current should be used. RMS
current is given by :
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief. Choose a capacitor
rated at a higher temperature than required.
Several capacitors may also be paralleled to meet size or
height requirements in the design.
The selection of COUT is determined by the effective series
resistance (ESR) that is required to minimize voltage ripple
and load step transients, as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response as described in a later section.
The output ripple,
ΔVOUT, is determined by :


Similar Part No. - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
296Kb / 15P
   2A, 2MHz, Synchronous Step-Down Regulator
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
C3225X5R0J226M RICHTEK-C3225X5R0J226M Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - C3225X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
   4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com