Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL05 Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL05
Description  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL05 Datasheet(HTML) 3 Page - Analog Devices

  ADXL05 Datasheet HTML 1Page - Analog Devices ADXL05 Datasheet HTML 2Page - Analog Devices ADXL05 Datasheet HTML 3Page - Analog Devices ADXL05 Datasheet HTML 4Page - Analog Devices ADXL05 Datasheet HTML 5Page - Analog Devices ADXL05 Datasheet HTML 6Page - Analog Devices ADXL05 Datasheet HTML 7Page - Analog Devices ADXL05 Datasheet HTML 8Page - Analog Devices ADXL05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
BUFFER
AMP
C3
0.1µF
+5V
VOUT
0.022µF
C1
C1
+3.4V
REF
COM
1.8V
6
8
9
10
1
2
3
4
0.022µF
C2
PRE-AMP
VPR
R2
R3
VIN–
5
ADXL05
R1
NOMINAL VALUES:
R1 = 49.9k
R3 = 100k
Ω (G=2)
R2 = 255k
Ω (G=2)
DC COUPLED CONNECTION ( 2
g Full Scale)
(@ VOUT Terminal (Pin 9), unless otherwise noted. 0 g Bias Level = +2.5 V, C1 = 0.022 F, R2 = 2.57 R3)
ADXL05J/A
Parameter
Conditions
Min
Typ
Max
Units
Buffer Gain
G = R3/R1*
2
FULL-SCALE RANGE
–2
+2
g
SENSITIVITY
@ +25
°C
350
400
450
mV/g
Temperature Drift
TMIN to TMAX
±0.5
% of Reading
ZERO g BIAS LEVEL
@ +25
°C
1.75
2.5
3.2
V
Temperature Drift
+25
°C to T
MIN or TMAX
±50/80
mV
FREQUENCY RESPONSE
dc
1000
Hz
*Note: Resistor tolerance will affect system accuracy. Use of
±1% (or better) metal film resistors is recommended.
AC COUPLED CONNECTION ( 1.5
g Full Scale)
(@ VOUT Terminal (Pin 9), unless otherwise noted. 0 g Bias Level = +2.5 V, C1 = 0.022 F, R2 = 2.57 R3
ADXL05J/A
Parameter
Conditions
Min
Typ
Max
Units
Buffer Gain
G = R3/R1*
5
FULL-SCALE RANGE
–1.5
+1.5
g
SENSITIVITY
@ +25
°C
875
1000
1,125
mV/g
Temperature Drift
TMIN to TMAX
±0.5
% of Reading
ZERO g BIAS LEVEL
@ +25
°C
2.5
V
Temperature Drift
+25
°C to T
MIN or TMAX
2/5
mV
FREQUENCY RESPONSE
C4 = 3.3
µF, R1 = 49.9 kΩ
1
1000
Hz
*Note: Resistor tolerance will affect system accuracy. Use of
±1% (or better) metal film resistors is recommended.
System Performance Specifications–ADXL05
BUFFER
AMP
C3
0.1µF
+5V
VOUT
0.022µF
C1
C1
+3.4V
REF
COM
1.8V
6
8
9
10
1
2
3
4
0.022µF
C2
PRE-AMP
VPR
R2
R3
VIN–
5
ADXL05
R1
C4
NOMINAL VALUES:
R1 = 49.9k
R3 = 249k
R2 = 640k
REV. B
–3–


Similar Part No. - ADXL05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Similar Description - ADXL05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com