Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R60J106KE19 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # GRM219R60J106KE19
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM219R60J106KE19 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  GRM219R60J106KE19 Datasheet HTML 1Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 2Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 3Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 4Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 5Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 6Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 7Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 8Page - Richtek Technology Corporation GRM219R60J106KE19 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT8016
4
DS8016-04 February 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6.5V
EN, FB Pin Voltage -------------------------------------------------------------------------------------------------------
−0.3V to VIN
Power Dissipation, PD @ TA = 25
°C
WDFN-6L 2x2 -------------------------------------------------------------------------------------------------------------- 0.606W
Package Thermal Resistance (Note 2)
WDFN-6L 2x2,
θJA --------------------------------------------------------------------------------------------------------- 165°C/W
WDFN-6L 2x2,
θJC -------------------------------------------------------------------------------------------------------- 20°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2
μH, CIN = 4.7μF, COUT = 10uF, TA = 25°C, IMAX = 1A unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
2.5
--
5.5
V
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
--
50
70
μA
Shutdown Current
ISHDN
EN = GND
--
0.1
1
μA
Reference Voltage
VREF
For Adjustable Output Voltage
0.588 0.600
0.612
V
Adjustable Output Range
VOUT
(Note 6)
VREF
--
VIN − 0.2V
V
Output Voltage
Accuracy
Fix
ΔVOUT
VIN = (VOUT + ΔV) to 5.5V or
VIN > 2.5V which ever is larger.
(Note 5)
−3
--
3
%
Adjustable
ΔVOUT
VIN = VOUT + ΔV to 5.5V
(Note 5)
0A < IOUT < 1A
3
--
3
%
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
P-MOSFET RON
RDS(ON)_P IOUT = 200mA
VIN = 3.6V
--
0.28
--
Ω
VIN = 2.5V
--
0.38
--
N-MOSFET RON
RDS(ON)_N IOUT = 200mA
VIN = 3.6V
--
0.25
--
Ω
VIN = 2.5V
--
0.35
--
P-Channel Current Limit
ILIM_P
VIN = 2.5V to 5.5 V
1.4
2
2.6
A
EN High-Level Input
Voltage
VEN_H
1.5
--
VIN
V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C


Similar Part No. - GRM219R60J106KE19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
177Kb / 11P
   Dual 1A, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - GRM219R60J106KE19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com