Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R60J106ME19 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # GRM219R60J106ME19
Description  Dual 1A, 1.25MHz Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM219R60J106ME19 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  GRM219R60J106ME19 Datasheet HTML 1Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 2Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 3Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 4Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 5Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 6Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 7Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 8Page - Richtek Technology Corporation GRM219R60J106ME19 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT8075
5
DS8075-04 April 2011
www.richtek.com
Reference Voltage vs. Temperature
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
-50
-25
0
25
50
75
100
125
Temperature (°C)
Reference Voltage vs. Input Voltage
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
Output Voltage vs. Output Current
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Output Current (A)
Typical Operating Characteristics
VIN = 2.5V
VIN = 3.3V
VIN = 5.5V
VOUT = 1.2V
VIN = 3.3V
VOUT = 1.2V, IOUT = 0.1A
VIN = 2.5V, VOUT = 1.2V, IOUT = 0.1A
Frequency vs. Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V, VOUT = 1.2V
Current Limit vs. Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 3.3V, VOUT = 1.2V


Similar Part No. - GRM219R60J106ME19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106ME19 RICHTEK-GRM219R60J106ME19 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - GRM219R60J106ME19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
   1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
   1A Dual Synchronous Step-down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com