Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9097 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9097
Description  TNC Female to BNC Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9097 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9097 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9097 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9097 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Female to BNC Female Adapter
Configuration
Connector 1
TNC Female
Connector 2
BNC Female
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.472 [11.99]
.
Dielectric Type
Teflon
Connector 1
Type
TNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
TNC Female to BNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female to BNC Female Adapter PE9097
PE9097
PE9097 REV


Similar Part No. - PE9097

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9097 PASTERNACK-PE9097 Datasheet
242Kb / 3P
   TNC Female to BNC Female Adapter
More results

Similar Description - PE9097

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9097 PASTERNACK-PE9097 Datasheet
242Kb / 3P
   TNC Female to BNC Female Adapter
PE9088 PASTERNACK-PE9088 Datasheet
246Kb / 3P
   TNC Male to BNC Female Adapter
logo
Pomona Electronics
3844 POMONA-3844 Datasheet
52Kb / 1P
   TNC Male To BNC Female Adapter
logo
Pasternack Enterprises,...
PE9098 PASTERNACK-PE9098 Datasheet
248Kb / 2P
   TNC Female to BNC Male Adapter
PE9099 PASTERNACK-PE9099 Datasheet
245Kb / 3P
   TNC Female to TNC Female Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
   Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
   BNC Female to BNC Female Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
   BNC Female to BNC Female Adapter
logo
List of Unclassifed Man...
BU-P3283 ETC2-BU-P3283 Datasheet
191Kb / 1P
   ADAPTER BNC FEMALE TO FEMALE
logo
Pasternack Enterprises,...
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
   Precision TNC Female to TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com