Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4222 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4222
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4222 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS4222 Datasheet HTML 5Page - Texas Instruments ADS4222 Datasheet HTML 6Page - Texas Instruments ADS4222 Datasheet HTML 7Page - Texas Instruments ADS4222 Datasheet HTML 8Page - Texas Instruments ADS4222 Datasheet HTML 9Page - Texas Instruments ADS4222 Datasheet HTML 10Page - Texas Instruments ADS4222 Datasheet HTML 11Page - Texas Instruments ADS4222 Datasheet HTML 12Page - Texas Instruments ADS4222 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
ADS42B49
www.ti.com
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
Table 2. LVDS Timings at Lower Sampling Frequencies(1)
CLOCK
PROPAGATION
SETUP TIME (ns)
HOLD TIME (ns)
DELAY (ns)
SAMPLING
tSU_RISE
tSU_FALL
tHO_RISE
tHO_FALL
tPDI
FREQUENCY
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
100
0.36
0.72
0.67
1.10
3.37
3.80
3.02
3.48
10.4
11.8
13.1
125
0.35
0.72
0.66
1.08
2.43
2.82
2.09
2.51
9.4
10.8
12.1
150
0.35
0.70
0.66
1.07
1.77
2.15
1.47
1.86
8.8
10.1
11.5
175
0.35
0.70
0.63
1.07
1.32
1.67
1.00
1.40
8.3
9.7
11.0
200
0.38
0.70
0.68
1.08
0.93
1.29
0.66
1.04
8.0
9.4
10.8
230
0.33
0.69
0.67
1.06
0.63
0.97
0.35
0.74
7.7
9.1
10.5
(1)
Setup and hold values in DDR LVDS mode belong to delayed output clock by writing register 42h, value 30h.
Table 3. CMOS Timings at Lower Sampling Frequencies
SETUP TIME(1)
HOLD TIME(1)
CLOCK PROPAGATION DELAY
SAMPLING
(tSU, ns)
(tHO, ns)
(tPDI, ns)
FREQUENCY
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
100
3.91
4.40
3.68
4.18
9.5
11.5
13.3
125
2.81
3.40
2.73
3.14
8.5
10.5
12.3
150
2.00
2.64
2.09
2.52
7.9
9.9
11.7
175
1.43
2.14
1.67
2.06
7.6
9.4
11.4
200
1.01
1.76
1.25
1.68
6.4
8.9
11.1
(1)
In CMOS mode, setup time is measured from the beginning of data valid to the mid-point of the CLKOUT rising edge, whereas hold time
is measured from the mid-point of the CLKOUT rising edge to data becoming invalid.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS42B49


Similar Part No. - ADS4222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222IRGCR TI1-ADS4222IRGCR Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
More results

Similar Description - ADS4222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com